Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 150 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 143Page - STMicroelectronics L9945 Datasheet HTML 144Page - STMicroelectronics L9945 Datasheet HTML 145Page - STMicroelectronics L9945 Datasheet HTML 146Page - STMicroelectronics L9945 Datasheet HTML 147Page - STMicroelectronics L9945 Datasheet HTML 148Page - STMicroelectronics L9945 Datasheet HTML 149Page - STMicroelectronics L9945 Datasheet HTML 150Page - STMicroelectronics L9945 Datasheet HTML 151Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 150 / 151 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Example of High-Side configuration with NMOS on channel 1.................................... 4
Figure 3.
Example of High-Side configuration with PMOS on channel 5 .................................... 5
Figure 4.
Example of Low-Side configuration with NMOS on channel 3 .................................... 5
Figure 5.
Example of peak & hold configuration with NMOS (HS) on channel 1 and NMOS (LS) on channel 4 ......... 6
Figure 6.
Example of H-Bridge configuration with NMOS as HS and LS transistors (channels 1-4 used) ............. 8
Figure 7.
L9945 pinout ..................................................................... 9
Figure 8.
ESD ratings on pinout .............................................................. 15
Figure 9.
Sketch of a 2s2p PCB with thermal vias .................................................. 16
Figure 10.
Thermal impedance diagram ......................................................... 17
Figure 11.
Charge pump connections ........................................................... 22
Figure 12.
Output pre-driver control ............................................................ 25
Figure 13.
Clamping for HS configuration ........................................................ 26
Figure 14.
Clamping for LS configuration......................................................... 27
Figure 15.
H-bridge driving configurations ........................................................ 30
Figure 16.
OC detection strategies for H-Bridge: (left) one shunt resistor for LS, DSM for HS; (center) two shunt resistors;
(right) DSM ..................................................................... 33
Figure 17.
Current limitation timing diagram....................................................... 34
Figure 18.
Current limitation iterations (until OC failure)............................................... 35
Figure 19.
Possible faults in peak & hold configuration ............................................... 39
Figure 20.
Daisy chain and parallel operation...................................................... 42
Figure 21.
Data transfer in daisy chain operation ................................................... 42
Figure 22.
SPI timing diagram ................................................................ 44
Figure 23.
Out of frame response .............................................................. 44
Figure 24.
NDIS structure ...................................................................118
Figure 25.
BIST & HWSC sequence ........................................................... 120
Figure 26.
NDIS/DIS release after NRES release: tCC is selected as watchdog starting timer value................ 121
Figure 27.
NDIS/DIS release before NRES release: tCC is selected as watchdog starting timer value. Then, CC timer
switches to tCC. ................................................................. 122
Figure 28.
Diagnostic codes quick look ......................................................... 123
Figure 29.
FSM describing diagnostic priority ..................................................... 124
Figure 30.
Overcurrent sensing method (example on a LS NMOS) ...................................... 125
Figure 31.
Rshunt and DSM method diagram .................................................... 126
Figure 32.
TCF vs. Tj ..................................................................... 130
Figure 33.
BCF vs.VPS .................................................................... 131
Figure 34.
OC detection through DSM or Shunt Measurement in Low Side configuration ....................... 132
Figure 35.
OC detection through DSM or Shunt Measurement in High Side configuration with PMOS .............. 133
Figure 36.
Deglitch and settling filter times for OFF state diagnostics: (left) STG detection on LS; (right) STB detection on HS
............................................................................. 135
Figure 37.
OFF state output regulator for OL detection. Example of operation on HS ......................... 137
Figure 38.
OFF state output regulator for OL detection. Example of operation on LS.......................... 137
Figure 39.
Fast charge/discharge currents for OL detection: (left) OL detection on LS; (right) OL detection on HS ..... 138
Figure 40.
TQFP64 (10x10x1 mm exp. pad down) package outline...................................... 141
L9945
List of figures
DS12275 - Rev 8
page 150/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com