Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 2 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 2 Page - Acconeer AB

  A111-001-R Datasheet HTML 1Page - Acconeer AB A111-001-R Datasheet HTML 2Page - Acconeer AB A111-001-R Datasheet HTML 3Page - Acconeer AB A111-001-R Datasheet HTML 4Page - Acconeer AB A111-001-R Datasheet HTML 5Page - Acconeer AB A111-001-R Datasheet HTML 6Page - Acconeer AB A111-001-R Datasheet HTML 7Page - Acconeer AB A111-001-R Datasheet HTML 8Page - Acconeer AB A111-001-R Datasheet HTML 9Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
© 2022 Copyright by Acconeer
2022-06-22
Page 2 of 35
Features
• Fully integrated sensor
-
60 GHz Pulsed Coherent Radar (PCR)
-
Integrated Baseband, RF front-end and
Antenna in Package (AiP)
-
5.5 x 5.2 x 0.88 mm fcCSP, 0.5 mm pitch
• Accurate distance ranging and movements
-
Measures absolute range up to 2 m (1)
o
Absolute accuracy in mm
-
Relative accuracy in µm
-
Possible to recognize movement and
gestures for several objects
-
Support continuous and single sweep
mode
-
HPBW of 80 (H-plane) and 40 degrees
(E-plane)
• Easy integration
-
One chip solution with integrated
Baseband and RF
-
Can be integrated behind plastic or glass
without any need for a physical aperture
-
Single reflowable component
-
1.8 V single power supply, enable with
Power on Reset (PoR)
-
Clock input for crystal 24 MHz
-
SPI interface for data transfer, up to 50
MHz SPI clock support
-
INTERRUPT support
A111 Overview
The A111 is a radar system based on pulsed
coherent radar (PCR) technology and is setting a
new benchmark for power consumption and
distance accuracy – fully integrated in a small
package of 29 mm2.
The A111 60 GHz radar system is optimized for
high precision and ultra-low power, delivered as a
one package solution with integrated Baseband,
RF front-end and Antenna in Package (AiP). This
will enable easy integration into any portable
battery driven device.
The A111 is based on leading-edge patented
sensor technology with pico-second time
resolution, capable of measuring absolute
distance with mm accuracy up to a range of
2 m (1) and with configurable update rate.
The A111 60 GHz radar remains uncompromised
by any natural source of interference, such as
noise, dust, color and direct or indirect light.
Applications
• High precision distance measurements with
mm accuracy and high update rate
• Ultra-low power consumption, e.g. average
power consumption 0.2 mW at 0.1 Hz update
rate, 3 mW at 10 Hz update rate and 20 mW
at 100 Hz update rate
• Proximity detection with high accuracy and
the possibility to define multiple proximity
zones
• Motion detection, Speed detection
• Enables material detection
• High precision object tracking, enabling
gesture control
• High precision tracking of 3D objects
• Monitor vital life signs such as breathing and
pulse rate
(1) 2m ranging is guaranteed for an object size, shape and dielectric properties corresponding to a spherical corner reflector of 5 cm radius.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com