Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 10 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 10 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 6Page - Acconeer AB A111-001-R Datasheet HTML 7Page - Acconeer AB A111-001-R Datasheet HTML 8Page - Acconeer AB A111-001-R Datasheet HTML 9Page - Acconeer AB A111-001-R Datasheet HTML 10Page - Acconeer AB A111-001-R Datasheet HTML 11Page - Acconeer AB A111-001-R Datasheet HTML 12Page - Acconeer AB A111-001-R Datasheet HTML 13Page - Acconeer AB A111-001-R Datasheet HTML 14Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
© 2022 Copyright by Acconeer
2022-06-22
Page 10 of 35
5.3 Recommended Operating Conditions
The below table shows the A111 recommended operating conditions, on package:
Parameter
Min.
Typ.
Max.
Unit
Operating power supply voltage, VIO_1
1.71
1.8
1.89
V
Operating power supply voltage, VIO_2
1.71
1.8
1.89
V
Operating power supply voltage, VIO_3
1.71
1.8
1.89
V
I/O operating range
-0.3
VIO_3+0.3
V
Operating temperature (Top)
-40
85
ºC
Table 5.3. Recommended operating conditions.
5.4 Electrical Specification
The below table shows the A111 electrical DC specification conditions, on package, Top = -40ºC to
85ºC:
Parameter
Min.
Typ.
Max.
Unit
Current into any power supply
0
100
mA
I/O VIL Low-level input voltage
-0.3
0.10*VIO_3
V
I/O VIH High-level input voltage
0.90*VIO_3
VIO_3+0.3
V
I/O VOL Low-level output voltage
0
0.4
V
I/O VOH High-level output voltage
1.6
VIO_3
V
I/O IOL (VOL = 0.4V)
4.56
7.8
12.4
mA
I/O IOH (VOH = VIO_3-0.4)
3.42
5.8
9.16
mA
I/O IIL Low-level input current
<1
µA
I/O IIH High-level input current
<1
µA
Table 5.4. Electrical DC conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com