Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 11 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 11 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 7Page - Acconeer AB A111-001-R Datasheet HTML 8Page - Acconeer AB A111-001-R Datasheet HTML 9Page - Acconeer AB A111-001-R Datasheet HTML 10Page - Acconeer AB A111-001-R Datasheet HTML 11Page - Acconeer AB A111-001-R Datasheet HTML 12Page - Acconeer AB A111-001-R Datasheet HTML 13Page - Acconeer AB A111-001-R Datasheet HTML 14Page - Acconeer AB A111-001-R Datasheet HTML 15Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 11 of 35
2022-06-22
© 2022 Copyright by Acconeer
The below table shows the A111 electrical AC specification conditions, on package, at Top = -40ºC to
85ºC:
Parameter
Min.
Typ.
Max.
Unit
I/O output operating frequency(1)
0
100
MHz
I/O minimum positive and negative pulse
6.25
ns
Table 5.5. Electrical AC conditions.
(1) Load capacitance 2 pF.
5.5 Power Consumption Summary
Table 5.6 summarizes the steady-state current consumption for the sensor states, average current
ratings at all power terminals (VIO_1, VIO_2, VIO_3), VIO 1.8 V, at Top = -40ºC to 85ºC:
Parameter
Typ.
Max.
Unit
OFF
VIO_1
29
143
µA
OFF
VIO_2
32
163
µA
OFF
VIO_3
0
22
µA
HIBERNATE
VIO_1
29
143
µA
HIBERNATE
VIO_2
32
164
µA
HIBERNATE
VIO_3
413
2190
µA
SLEEP
VIO_1
765
935
µA
SLEEP
VIO_2
770
942
µA
SLEEP
VIO_3
1.59
3.36
mA
READY(1)
VIO_1
1.32
1.70
mA
READY(1)
VIO_2
768
946
µA
READY(1)
VIO_3
31.0
36.4
mA
READY(2)
VIO_1
1.28
1.64
mA
READY(2)
VIO_2
770
942
µA
READY(2)
VIO_3
1.59
3.36
mA
ACTIVE
VIO_1
2.86
3.58
mA
ACTIVE
VIO_2
1.34
1.72
mA
ACTIVE
VIO_3
60.7
69.7
mA
MEASURE, PROFILE 1
VIO_1
3.89
4.66
mA
MEASURE, PROFILE 1
VIO_2
2.02
2.40
mA
MEASURE, PROFILE 1
VIO_3
67.5
77.0
mA
MEASURE, PROFILE 2
VIO_1
3.96
4.73
mA
MEASURE, PROFILE 2
VIO_2
2.08
2.46
mA
MEASURE, PROFILE 2
VIO_3
67.5
77.0
mA
MEASURE, PROFILE 3
VIO_1
4.23
5.03
mA
MEASURE, PROFILE 3
VIO_2
2.38
2.77
mA
MEASURE, PROFILE 3
VIO_3
68.1
77.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com