Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 15 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 15 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 11Page - Acconeer AB A111-001-R Datasheet HTML 12Page - Acconeer AB A111-001-R Datasheet HTML 13Page - Acconeer AB A111-001-R Datasheet HTML 14Page - Acconeer AB A111-001-R Datasheet HTML 15Page - Acconeer AB A111-001-R Datasheet HTML 16Page - Acconeer AB A111-001-R Datasheet HTML 17Page - Acconeer AB A111-001-R Datasheet HTML 18Page - Acconeer AB A111-001-R Datasheet HTML 19Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 15 of 35
2022-06-22
© 2022 Copyright by Acconeer
7
Typical Characteristics
7.1 Radar Loop Gain Pattern
The Radar Loop Gain (RLG) pattern includes the gain in both the TX and RX radar paths and is
defined as the angular separation between the two points at which the gain has decreased by 3 dB
relative to the maximum main lobe value, when the radar itself is used to measure the reflected power.
For details regarding the measurement setup, refer to “Hardware and physical integration guideline”,
chapter 1.2.
Conditions: TA = 25 ºC, VDD = 1.8 V. Tested on 5 XR112 devices.
Figure 7.1 and Figure 7.2 shows the RLG radiation pattern normalized to free space sensor boresight
at elevation plane (E-plane) and azimuth plane (H-plane).
Figure 7.1. Normalized radar loop gain radiation pattern at E-plane.
Figure 7.2. Normalized radar loop gain radiation pattern at H-plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com