Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 17 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 17 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 13Page - Acconeer AB A111-001-R Datasheet HTML 14Page - Acconeer AB A111-001-R Datasheet HTML 15Page - Acconeer AB A111-001-R Datasheet HTML 16Page - Acconeer AB A111-001-R Datasheet HTML 17Page - Acconeer AB A111-001-R Datasheet HTML 18Page - Acconeer AB A111-001-R Datasheet HTML 19Page - Acconeer AB A111-001-R Datasheet HTML 20Page - Acconeer AB A111-001-R Datasheet HTML 21Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 17 of 35
2022-06-22
© 2022 Copyright by Acconeer
8
Functional Description
The below figure shows the A111 system integration with Host MCU:
Host MCU
A111
Sensor
XTAL
ENABLE x1
SPI x4
INTERRUPT x1
1.8V single power supply
CLK ref. 24MHz
CTRL x1 (optional)
Figure 8.1. System integration.
The Acconeer software is executed on Host MCU that handles sensor initiation, configuration, sweep
acquisition and signal processing.
The Serial Peripheral Interface (SPI) is a 4-wire serial bus, used for configuration and reading output
from the A111 radar sensor. The A111 radar sensor is an SPI slave device, connected to the SPI
master (Host MCU), and allows several devices to be connected on same SPI bus, with a dedicated
slave-select signal. Daisy-chain is not supported.
The sensor provides support for ENABLE and INTERRUPT as interrupt signal, always output, that is
used as an interrupt in the Host MCU. The sensor supports an optional control signal: CTRL, which is
configured through software, e.g. for controlling the operating state of the sensor to idle in Hibernate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com