Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 7 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 7 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 3Page - Acconeer AB A111-001-R Datasheet HTML 4Page - Acconeer AB A111-001-R Datasheet HTML 5Page - Acconeer AB A111-001-R Datasheet HTML 6Page - Acconeer AB A111-001-R Datasheet HTML 7Page - Acconeer AB A111-001-R Datasheet HTML 8Page - Acconeer AB A111-001-R Datasheet HTML 9Page - Acconeer AB A111-001-R Datasheet HTML 10Page - Acconeer AB A111-001-R Datasheet HTML 11Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 7 of 35
2022-06-22
© 2022 Copyright by Acconeer
4
Pin Configuration and Functions
The below figure shows the A111 pin configuration, top view:
1
2
3
4
5
6
7
8
9
10
A
NC
CTRL
B
NC
C
VIO_1a
VIO_2a
GND
D
VIO_1b
VIO_2b
Supply
E
I/O
F
ENABLE
CLK
G
Analog
H
XOUT
NC
J
VBIAS
SPI_SS
VIO_3a
XIN
K
SPI_CLK
SPI_MISO
SPI_MOSI
INTERRUPT
VIO_3b
Figure 4.1. Pin configuration of the A111 sensor, top view.
The below table shows the A111 total number of 50 pins:
Pin
Pin name
Pin type
Description
Comment
A2
NC
Must no connect
A3-A8
GND
Ground
Must be connected to solid ground plane
A9
CTRL
I/O
Optional control signal. Must be
connected to either host MCU or ground
optional
B1
NC
Must no connect
B2, B9
GND
Ground
Must be connected to solid ground plane
B10
GND
Ground
Must be connected to solid ground plane
C1
GND
Ground
Must be connected to solid ground plane
C2
VIO_1a
Supply voltage
Supply voltage, RF part (1)
C9
VIO_2a
Supply voltage
Supply voltage, RF part (1)
C10
GND
Ground
Must be connected to solid ground plane
D1
VIO_1b
Supply voltage
Supply voltage, RF part (1)
D2, D9
GND
Ground
Must be connected to solid ground plane
D10
VIO_2b
Supply voltage
Supply voltage, RF part (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com