Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 33 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 33 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 27Page - Acconeer AB A111-001-R Datasheet HTML 28Page - Acconeer AB A111-001-R Datasheet HTML 29Page - Acconeer AB A111-001-R Datasheet HTML 30Page - Acconeer AB A111-001-R Datasheet HTML 31Page - Acconeer AB A111-001-R Datasheet HTML 32Page - Acconeer AB A111-001-R Datasheet HTML 33Page - Acconeer AB A111-001-R Datasheet HTML 34Page - Acconeer AB A111-001-R Datasheet HTML 35Page - Acconeer AB  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 33 of 35
2022-06-22
© 2022 Copyright by Acconeer
Figure 11.4. Physical layout of the A111 sensor, bottom view.
The bottom view shows 50 solder balls. The pitch of the BGA balls is 500 µm, the ball diameter is 300
µm ±5 µm and the collapsed ball height is 0.244 ± 0.050 mm.
11.1 Moisture Sensitivity Level and Recommended Reflow Profile
Acconeer A111 sensor is a Moisture Sensitive Devices (MSD) in accordance to the IPC/JEDEC
specification. The Moisture Sensitivity Level (MSL) relates to the packaging and handling precautions
required. A111 sensor is rated at MSL level 3.
Maximum number of reflow passes recommended for A111 is 2.
Soldering process qualified during qualification with “Preconditioning MSL 3: 30°C. 60%r.h., 192h,
according to JEDEC JSTD20”, and qualified for soldering heat resistance according to JEDEC J-STD-
020.
11.2 RoHS and REACH Statement
Acconeer A111 sensor meet the requirements of Directive 2011/65/EC of the European Parliament
and of the Council on the Restriction of Hazardous Substances (RoHS) and the requirements of the
REACH regulation (EC 1907/2006) on Registration, Evaluation, Authorization and Restriction of
Chemicals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com