Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 6 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 6 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 2Page - Acconeer AB A111-001-R Datasheet HTML 3Page - Acconeer AB A111-001-R Datasheet HTML 4Page - Acconeer AB A111-001-R Datasheet HTML 5Page - Acconeer AB A111-001-R Datasheet HTML 6Page - Acconeer AB A111-001-R Datasheet HTML 7Page - Acconeer AB A111-001-R Datasheet HTML 8Page - Acconeer AB A111-001-R Datasheet HTML 9Page - Acconeer AB A111-001-R Datasheet HTML 10Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
© 2022 Copyright by Acconeer
2022-06-22
Page 6 of 35
3.1 Functional Block Diagram
A111 One Package Solution
A111 Silicon
TX
RX
PLL
LDOs
PoR
Program
memory
Data
memory
SPI (4)
INTERRUPT
XIN (ref clk)
XOUT
1.8V Single
power supply
ENABLE
Digital
Power
Timing
mmWave Radio
Tx ant.
Rx an t.
CTRL (optional)
Figure 3.1 The A111 functional block diagram.
The A111 silicon is divided into four functional blocks: Power, Digital, Timing and mmWave radio.
The Power functional block includes LDOs and a Power on Reset (PoR) block. Each LDO creates its
own voltage domain. The PoR block generates a Reset signal on each power-up cycle. The host
interfaces the Power functional block of the sensor via 1.8 V Single power supply and ENABLE.
The Digital functional block includes sensor control. The data memory stores the radar sweep data
from the ADC. The host interfaces the Sensor via an SPI interface, a Clock (XIN, XOUT),
INTERRUPT signal and optional CTRL signal.
The Timing block includes the timing circuitry. The PLL digital clock output is used to drive digital
logic and is synthesized from external crystal (XIN/XOUT) . The operational oscillator (XIN)
frequency is 24MHz..
The mmWave radio functional block generates and receives radar pulses and includes transmitter
(TX), receiver (RX) and interfaces toward the integrated antennas. The A111 operates in the 57-64
GHz band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com