Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 27 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 27 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 23Page - Acconeer AB A111-001-R Datasheet HTML 24Page - Acconeer AB A111-001-R Datasheet HTML 25Page - Acconeer AB A111-001-R Datasheet HTML 26Page - Acconeer AB A111-001-R Datasheet HTML 27Page - Acconeer AB A111-001-R Datasheet HTML 28Page - Acconeer AB A111-001-R Datasheet HTML 29Page - Acconeer AB A111-001-R Datasheet HTML 30Page - Acconeer AB A111-001-R Datasheet HTML 31Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 27 of 35
2022-06-22
© 2022 Copyright by Acconeer
10.2FCC Approval
Hereby, Acconeer declares that the A111 sensor has modular approval granted by FCC.
Testing for the modular approval of the A111 has been performed using a binary file which represents
highest Tx emission configuration. This test binary is available in the software provided by Acconeer
and can be used for certification purposes.
The A111 sensor meets the title 47 of the Code of Federal Regulations, part 15 section 15.255 for
intentional radiators operating in the 57-71 GHz band for the following type of applications.
- Field disturbance sensor employed for fixed operations.
- Short range device for interactive motion sensing.
Warning: The end user needs to maintain 20 cm distance to radiating parts of the device.
FCC ID: 2AQ6KA1001
The host product manufacturer is responsible for compliance to any other FCC rules that apply to the
host not covered by the modular transmitter grant of certification.
10.2.1 FCC Regulatory Notes
Modifications
Acconeer has not approved any changes to this device. Any changes or modifications to this device
could invalid the FCC approval.
Interference statement
This device complies with Part 15 of the FCC rules. Operation is subject to the following two
conditions: (1) this device may not cause interference, and (2) this device must accept any
interference, including interference that may cause undesired operation of the device.
RF exposure
This device complies with the FCC radiation exposure limits set forth for an uncontrolled
environment. Co-location of this module with other transmitters that operate simultaneously are
required to be evaluated using the FCC multi-transmitter procedures.
MPE RF exposure testing is not needed as the available maximum time-averaged power of the module
is no more than 1 mW, according to 47 CFR 1.1307(b)(3)(i)(A).
Labelling requirements for the host device
The host device shall be labelled to identify the modules within the host device, which means that the
host device shall be labelled to display the FCC ID of the module preceded by words "Contains
transmitter module" or "Contains", E.g.
Contains FCC ID: 2AQ6KA1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com