Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 20 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 20 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 16Page - Acconeer AB A111-001-R Datasheet HTML 17Page - Acconeer AB A111-001-R Datasheet HTML 18Page - Acconeer AB A111-001-R Datasheet HTML 19Page - Acconeer AB A111-001-R Datasheet HTML 20Page - Acconeer AB A111-001-R Datasheet HTML 21Page - Acconeer AB A111-001-R Datasheet HTML 22Page - Acconeer AB A111-001-R Datasheet HTML 23Page - Acconeer AB A111-001-R Datasheet HTML 24Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
© 2022 Copyright by Acconeer
2022-06-22
Page 20 of 35
The power up sequence is initiated by turning on VIO_3a,b. It must be turned on before or
simultaneously with ENABLE and VIO_1-2a,b. ENABLE and VIO_1-2a,b can be turned on in any
order and independently of each other. A111 should however not be considered as in state “ON” until
all supply voltage levels are stable and ENABLE is high. The time constant t1 in figure 7.4 denotes
this time. The actual value of t1 depends on the power supply and the decoupling capacitors used. If
the CTRL signal is used, it must be held at 0V during time t1.
Next step in the power up sequence is to have a settling time for the XTAL oscillator to stabilize,
shown as time t2 in Figure 8.4. This may take up to several milliseconds depending on the XTAL
performance. It is advised to have the clock inactive at 0 V while ENABLE is inactive.
Now the A111 radar sensor is ready for SPI communication.
Time
VIO_3a,b
ENABLE
t1
t2
XIN
VIO_1-2a,b
CTRL
Figure 8.4. Power up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com