Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 23 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 23 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 19Page - Acconeer AB A111-001-R Datasheet HTML 20Page - Acconeer AB A111-001-R Datasheet HTML 21Page - Acconeer AB A111-001-R Datasheet HTML 22Page - Acconeer AB A111-001-R Datasheet HTML 23Page - Acconeer AB A111-001-R Datasheet HTML 24Page - Acconeer AB A111-001-R Datasheet HTML 25Page - Acconeer AB A111-001-R Datasheet HTML 26Page - Acconeer AB A111-001-R Datasheet HTML 27Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 23 of 35
2022-06-22
© 2022 Copyright by Acconeer
Bill of Material (BoM)
The below table shows BOM for integration of the A111 using a crystal as input clock source:
Component
Value
Description
C1, C2, C3
1 µF
VIO_1, VIO_2, VIO_3 decoupling
R1, R2
100 kΩ
INTERRUPT and CTRL pull down resistor
X1
XTAL 24 MHz, Epson TSX-3225
C4, C5
8 pF (1)
XTAL freq. tuning capacitor
Table 9.1. BOM list.
(1) See details in chapter 9.1 XTAL for C4, C5 value calculation.
9.1 XTAL
The input clock origin from a crystal (XTAL), connected to XIN and XOUT.
The A111 sensor has a built-in XTAL oscillator and adding an external XTAL component, as shown
in the Figure 9.2.
C4
C5
GND
GND
GND
XOU T
XIN
TSX-3225
XTAL 24MHz
I/O
GND
I/O
GND
Figure 9.2. External XTAL schematics.
To enable the internal XTAL oscillator to drive the external resonator, the relation in Equation 1 must
be fulfilled.
������ ∗ ������������������������
0.8 ∗ ������
������������������
0.61 < 0.7
(Equation 1)
������ = 2(������������ − ������������������������������������)
(Equation 2)
������������������������ = ������ + ������������������������������������ ∗ 2
(Equation 3)
The capacitance values are calculated in Equation 2. CL and RESR are XTAL parameters and vary from
XTAL to XTAL. The stray capacitance is the sum of the capacitance between XIN and XOUT, that is,
the PCB trace capacitance plus package capacitance; 2 to 5 pF is a general estimation.
Example:
• f = 24 MHz
• C
L = 9 pF
• R
ESR = 40 ohm
Assuming Cstray = 5 pF gives C4, C5 = 8 pF and that the condition is met with the result 0.58 < 0.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com