Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 21 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 21 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 17Page - Acconeer AB A111-001-R Datasheet HTML 18Page - Acconeer AB A111-001-R Datasheet HTML 19Page - Acconeer AB A111-001-R Datasheet HTML 20Page - Acconeer AB A111-001-R Datasheet HTML 21Page - Acconeer AB A111-001-R Datasheet HTML 22Page - Acconeer AB A111-001-R Datasheet HTML 23Page - Acconeer AB A111-001-R Datasheet HTML 24Page - Acconeer AB A111-001-R Datasheet HTML 25Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 21 of 35
2022-06-22
© 2022 Copyright by Acconeer
After power up is complete, the sensor is loaded with a program. Up until the point where the sensor’s
program is started, the INTERRUPT is high impedance. However, after the sensor’s program has
started the INTERRUPT is configured to a push-pull CMOS output. It is therefore required that the
host I/O is configured as input before any programs are started on the sensor.
The power down sequence is described in Figure 8.5.
The power down sequence is initiated by setting “ENABLE” low. The crystal oscillator will be
disabled when ENABLE is set low.
After that, VIO_1-2a,b can be turned off. Time constant t3 (refer to Figure 8.5) later, VIO_3a,b can be
disabled. The constant t3 >=0. The I/O inputs on A111 (including CTRL if it is being used) must be set
to 0V before or simultaneously with VIO_3a,b going low, otherwise the internal ESD protection
diodes will draw current from the I/O source.
Time
VIO_3a,b
ENABLE
XIN
VIO_1-2a,b
t3
CTRL
Figure 8.5. The power down sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com