Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 9 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 9 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 5Page - Acconeer AB A111-001-R Datasheet HTML 6Page - Acconeer AB A111-001-R Datasheet HTML 7Page - Acconeer AB A111-001-R Datasheet HTML 8Page - Acconeer AB A111-001-R Datasheet HTML 9Page - Acconeer AB A111-001-R Datasheet HTML 10Page - Acconeer AB A111-001-R Datasheet HTML 11Page - Acconeer AB A111-001-R Datasheet HTML 12Page - Acconeer AB A111-001-R Datasheet HTML 13Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 9 of 35
2022-06-22
© 2022 Copyright by Acconeer
5
Specifications
5.1 Absolute Maximum Ratings
The below table shows the A111 absolute maximum ratings over operating temperature range, on
package, unless otherwise noted:
Parameter
Description
Min.
Max.
Unit
VIO_1 (1)
1.8 V RF power supply
0
2.0
V
VIO_2 (1)
1.8 V RF power supply
0
2.0
V
VIO_3
1.8 V digital power supply
0
2.0
V
I/O
I/O supply voltage
-0.5
VIO_3+0.5
V
TOP
Operating temperature range
-40
85
°C
TSTG
High temperature storage
150
°C
Table 5.1. Absolute maximum ratings.
(1) VIO_1 and VIO_2 must never exceed VIO_3.
Stresses beyond those listed in Table 5.1 may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these conditions or at any other conditions
beyond those indicated under Recommended Operating Conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods of time may affect device reliability.
5.2 Environmental Sensitivity
The below table shows the A111 environmental sensitivity:
Parameter
Standard
Max.
Unit
Storage temperature
JESD22-A103 (1)
150(1)
ºC
Reflow soldering temperature (1)
J-STD-020 (1)
260
ºC
Moisture Sensitivity Level
JESD22-A113 (1)
MSL3
ESD, Charge Device Model (CDM)
JS-002, Class C2
500
V
ESD, Human Body Model (HBM)
JS-001, Class 1C
1000
V
Latch-up
JESD78, Class I
Pass
Table 5.2. Environmental sensitivity.
(1) For reference only. The package is generically qualified by the manufacturer. Acconeer does not guarantee adherence to
standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com