Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 4 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 4 Page - Acconeer AB

  A111-001-R Datasheet HTML 1Page - Acconeer AB A111-001-R Datasheet HTML 2Page - Acconeer AB A111-001-R Datasheet HTML 3Page - Acconeer AB A111-001-R Datasheet HTML 4Page - Acconeer AB A111-001-R Datasheet HTML 5Page - Acconeer AB A111-001-R Datasheet HTML 6Page - Acconeer AB A111-001-R Datasheet HTML 7Page - Acconeer AB A111-001-R Datasheet HTML 8Page - Acconeer AB A111-001-R Datasheet HTML 9Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
© 2022 Copyright by Acconeer
2022-06-22
Page 4 of 35
2
Revision History
Revision
Comment
V1.0
Released version
V1.1
Minor reference correction in chapter 5.1. A111 marking info added in chapter 2.
V1.2
Relative phase accuracy added in chapter 6.3
V1.3
Ordering information added in chapter 2. Equation corrected in XTAL chapter 8.1.
V1.4
-
EU declaration of conformity added, chapter 9.0.
-
Pin configuration alphabetically order corrected, chapter 3.
-
Acconeer Software chapter 7.1 updated including updated software
integration info, chapter 7.2.
V1.5
Removed introduced error in chapter 3, pin configuration.
V1.6
FCC modular approval added, chapter 9.2.
V1.7
Power supply specification added, chapter 8.4.
V1.8
Added clarifications, section 9.2.
Added clarification, section 10.1.
Added clarification, section 3 (pin A2, B1 must no connect)
V1.9
Updated Table 4.6 footnotes.
Updated chapter 7.3.
Updated Figure 7.4.
V2.0
Updated with FCC/IC/EN approvals, section 8.
Updated A111 marking, section 2.
V2.1
Updated with hibernation power mode support I.e. Table 3.1, pin A9 dedicated as
optional Ctrl signal. Chapter 7.3 Power up sequence updated accordingly.
V2.2
Updated figure 10.3 “Physical layout of the A111 sensor, side view” with missing
figure.
Added separate chapter 10.2 “RoHS and REACH statement”
V2.3
Added I/O minimum positive and negative pulse figure in Table 4.5
V2.4
Operating temperature (Top) clarification made on table 4.5 Electrical AC conditions,
table 4.6 Maximum and average current at power terminals.
V2.5
Maximum number of reflow updated in chapter 10.1.
Table 4.4 Electrical DC conditions and table 4.5 Electrical AC conditions updated
V2.6
Updated RF specification table 4.7.
Updated chapter 6.1 with Radar Loop Gain pattern.
Updated figures 6.1 and 6.2 to Radar Loop Gain radiation pattern.
Updated power consumption characteristics, table 4.6
V2.7
Updated power consumption characteristics, table 4.6
Updated layout recommendations section in chapter 8
V2.8
Update c
lock input for crystal, 24MHz support only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com