Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A111-001-R Datasheet(PDF) 24 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 24 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 20Page - Acconeer AB A111-001-R Datasheet HTML 21Page - Acconeer AB A111-001-R Datasheet HTML 22Page - Acconeer AB A111-001-R Datasheet HTML 23Page - Acconeer AB A111-001-R Datasheet HTML 24Page - Acconeer AB A111-001-R Datasheet HTML 25Page - Acconeer AB A111-001-R Datasheet HTML 26Page - Acconeer AB A111-001-R Datasheet HTML 27Page - Acconeer AB A111-001-R Datasheet HTML 28Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
© 2022 Copyright by Acconeer
2022-06-22
Page 24 of 35
9.2 Power Supply
The A111 sensor has got three power supplies where the VIO_3 power supply is sensitive to power
supply ripple. Power supply ripple on VIO_3 may degrade performance since VIO_3 supplies the
internal clock generation blocks. Table 9.2 provides the required power supply ripple specification for
VIO_3.
Frequency (Hz)
Min.
Typ.
Max.
Unit
10 000
18.7
mVpp
100 000
2.6
mVpp
1 000 000
0.26
mVpp
3 000 000
0.09
mVpp
10 000 000
0.23
mVpp
100 000 000
3.0
mVpp
Table 9.2. Required power supply ripple specification for VIO_3.
LC filter solution
When the VIO_3 voltage source is connected to a switching power supply, a post LC filter as
displayed in Figure 9.3 can be designed satisfy the ripple specification. The exact values for LC filter
depend on switching frequency and ripple amplitude of the supply regulator. Be aware of LC filter
peaking at the series resonance frequency f=1/(2π
√������������). A small snubber resistor, 250 mΩ in the
example filter, can be inserted to lower the Q factor.
VIO_3a,b
22uF
2.2uH
250 mΩ
Supply
100nF
Figure 9.3. LC supply filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com