Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 115Page - STMicroelectronics STM32W108CB Datasheet HTML 116Page - STMicroelectronics STM32W108CB Datasheet HTML 117Page - STMicroelectronics STM32W108CB Datasheet HTML 118Page - STMicroelectronics STM32W108CB Datasheet HTML 119Page - STMicroelectronics STM32W108CB Datasheet HTML 120Page - STMicroelectronics STM32W108CB Datasheet HTML 121Page - STMicroelectronics STM32W108CB Datasheet HTML 122Page - STMicroelectronics STM32W108CB Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
119/278
9.6.1
Setup and configuration
The UART baud rate clock is produced by a programmable baud generator starting from the
24 Hz clock:
F
N
MHz
baud
+
=
2
24
The integer portion of the divisor, N, is written to the SC1_UARTBRR1 register and the
fractional part, F, to the SC1_UARTBRR2 register. Table 29 shows the values used to
generate some common baud rates and their associated clock frequency error. The UART
requires an internal clock that is at least eight times the baud rate clock, so the minimum
allowable setting for SC1_UARTBRR1 is ‘8’.
Note:
The UART may receive corrupt bytes if the interbyte gap is long or there is a baud rate
mismatch between receive and transmit. The UART may detect a parity and/or framing error
on the corrupt byte, but there will not necessarily be any error detected. As a result, the
device should be operated in systems where the other side of the communication link also
uses a crystal as its timing reference, and baud rates should be selected to minimize the
baud rate mismatch to the crystal tolerance. UART protocols should contain some form of
error checking (e.g. CRC) at the packet level to detect, and retry in the event of errors.
The UART character frame format is determined by three bits in the SC1_UARTCR register:
●
STOP selects the number of stop bits in transmitted characters. (Only one stop bit is
ever required in received characters.) If this bit is clear, characters are transmitted with
one stop bit; if set, characters are transmitted with two stop bits.
●
PCE controls whether or not received and transmitted characters include a parity bit. If
PCE is clear, characters do not contain a parity bit, otherwise, characters do contain a
parity bit.
●
PS specifies whether transmitted and received parity bits contain odd or even parity. If
this bit is clear, the parity bit is even, and if set, the parity bit is odd. Even parity is the
exclusive-or of all of the data bits, and odd parity is the inverse of the even parity value.
PS has no effect if PCE is clear.
Table 29.
UART baud rate divisors for common baud rates
Baud rate (bits/sec)
SC1_UARTBRR1
SC1_UARTBRR2
Baud rate error (%)
300
40000
0
0
2400
5000
0
0
4800
2500
0
0
9600
1250
0
0
19200
625
0
0
38400
312
1
0
57600
208
1
- 0.08
115200
104
0
+ 0.16
230400
52
0
+ 0.16
460800
26
0
+ 0.16
921600
13
0
+ 0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com