Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 119Page - STMicroelectronics STM32W108CB Datasheet HTML 120Page - STMicroelectronics STM32W108CB Datasheet HTML 121Page - STMicroelectronics STM32W108CB Datasheet HTML 122Page - STMicroelectronics STM32W108CB Datasheet HTML 123Page - STMicroelectronics STM32W108CB Datasheet HTML 124Page - STMicroelectronics STM32W108CB Datasheet HTML 125Page - STMicroelectronics STM32W108CB Datasheet HTML 126Page - STMicroelectronics STM32W108CB Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
123/278
Note:
DMA memory buffer terminology:
●
load - make a buffer available for the DMA channel to use
●
pending - a buffer loaded but not yet active
●
active - the buffer that will be used for the next DMA transfer
●
unload - DMA channel action when it has finished with a buffer
●
idle - a buffer that has not been loaded, or has been unloaded
To use a DMA channel, software should follow these steps:
●
Reset the DMA channel by setting the TXRST (or RXRST) bit in the SCx_DMACR
register.
●
Set up the DMA buffers. The two DMA buffers, A and B, are defined by writing the start
address to SCx_DMATXBEGADDAR/SCx_DMATXBEGADDBR (or
SCx_DMARXBEGADDAR/SCx_DMARXBEGADDBR) and the (inclusive) end address
to SCx_DMATXENDADDAR/SCx_DMATXENDADDBR (or
SCx_DMARXENDADDAR/SCx_DMARXENDADDBR). Note that DMA buffers must be
in RAM.
●
Configure and initialize SCx for the desired operating mode.
●
Enable second level interrupts triggered when DMA buffers unload by setting the
TXULODA/B (or RXULODA/B) bits in the SCx_ISR register.
●
Start the DMA by loading the DMA buffers by setting the TXLODA/TXLODB (or
RXLODA/RXLODB) bits in the SCx_DMACR register.
A DMA buffer's end address, SCx_DMATXENDADDAR/SCx_DMATXENDADDBR (or
SCx_DMARXENDADDAR/SCx_DMARXENDADDBR), can be written while the buffer is
loaded or active. This is useful for receiving messages that contain an initial byte count,
since it allows software to set the buffer end address at the last byte of the message.
As the DMA channel transfers data between the transmit or receive FIFO and a memory
buffer, the DMA count register contains the byte offset from the start of the buffer to the
address of the next byte that will be written or read. A transmit DMA channel has a single
DMA count register (SCx_DMATXCNTR) that applies to whichever transmit buffer is active,
but a receive DMA channel has two DMA count registers
(SCx_DMARXCNTAR/SCx_DMARXCNTBR), one for each receive buffer. The DMA count
register contents are preserved until the corresponding buffer, or either buffer in the case of
the transmit DMA count, is loaded, or until the DMA is reset.
The receive DMA count register may be written while the corresponding buffer is loaded. If
the buffer is not loaded, writing the DMA count register also loads the buffer while
preserving the count value written. This feature can simplify handling UART receive errors.
The DMA channel stops using a buffer and unloads it when the following is true:
(DMA buffer start address + DMA buffer count) > DMA buffer end address
Typically a transmit buffer is unloaded after all its data has been sent, and a receive buffer is
unloaded after it is filled with data, but writing to the buffer end address or buffer count
registers can also cause a buffer to unload early.
Serial controller DMA channels include additional features specific to the SPI and UART
operation and are described in those sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com