Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 120Page - STMicroelectronics STM32W108CB Datasheet HTML 121Page - STMicroelectronics STM32W108CB Datasheet HTML 122Page - STMicroelectronics STM32W108CB Datasheet HTML 123Page - STMicroelectronics STM32W108CB Datasheet HTML 124Page - STMicroelectronics STM32W108CB Datasheet HTML 125Page - STMicroelectronics STM32W108CB Datasheet HTML 126Page - STMicroelectronics STM32W108CB Datasheet HTML 127Page - STMicroelectronics STM32W108CB Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
124/278
Doc ID 16252 Rev 14
9.8
Serial controller common registers
9.8.1
Serial controller interrupt status register (SCx_ISR)
Address offset: 0xA808 (SC1_ISR) and 0xA80C (SC2_ISR)
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PE
FE
TXUL
ODB
TXUL
ODA
RXUL
ODB
RXUL
ODA
NACK
CMD
FIN
BTF
BRF
UDR
OVR
IDLE
TXE
RXNE
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bit [31:15] Reserved, must be kept at reset value
Bit 14 PE: Parity error pending interrupt
This bit is set by hardware when a parity error occurs in receiver mode.
0: No parity error pending interrupt
1: Parity error pending interrupt
Note: Not used in SC2
Bit 13 FE: Framing error pending interrupt
This bit is set by hardware when a desynchronization or excessive noise is detected.
0: No framing error detected pending interrupt
1: Framing error pending interrupt
Note: Not used in SC2
Bit 12 TXULODB: DMA transmit buffer B unloaded pending interrupt
This bit is set by hardware when DMA load error is detected during transmission.
0: No DMA transmit buffer B unloaded error pending interrupt
1: DMA transmit buffer B unloaded pending interrupt
Bit 11 TXULODA: DMA transmit buffer A unloaded pending interrupt
This bit is set by hardware when DMA load error is detected during transmission.
0: No DMA transmit buffer A unloaded error pending interrupt
1: DMA transmit buffer A unloaded error pending interrupt.
Bit 10 RXULODB: DMA receive buffer B unloaded pending interrupt
This bit is set by hardware when DMA load error is detected during reception.
0: No DMA receive buffer B unloaded error pending interrupt
1: DMA receive buffer B unloaded error pending interrupt
Bit 9 RXULODA: DMA receive buffer A unloaded pending interrupt
This bit is set by hardware when DMA load error is detected during reception.
0: No DMA receive buffer A unloaded error pending interrupt
1: DMA receive buffer A unloaded error pending interrupt
Bit 8 NACK: I2C not acknowledge received pending interrupt
This bit is set by hardware when a NACK is received after a byte transmission.
0: No NACK detected pending interrupt
1: NACK detected pending interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com