Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 122Page - STMicroelectronics STM32W108CB Datasheet HTML 123Page - STMicroelectronics STM32W108CB Datasheet HTML 124Page - STMicroelectronics STM32W108CB Datasheet HTML 125Page - STMicroelectronics STM32W108CB Datasheet HTML 126Page - STMicroelectronics STM32W108CB Datasheet HTML 127Page - STMicroelectronics STM32W108CB Datasheet HTML 128Page - STMicroelectronics STM32W108CB Datasheet HTML 129Page - STMicroelectronics STM32W108CB Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 278 page
background image
Serial interfaces
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
126/278
Doc ID 16252 Rev 14
9.8.2
Serial controller interrupt enable register (SCx_IER)
Address offset: 0xA848 (SC1_IER) and 0xA84C (SC2_IER)
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PEIE
FEIE
TXUL
ODRIE
TXUL
ODAIE
RXUL
ODBIE
RXUL
ODAIE
NACK
IE
CMD
FINIE
BTFIE
BRFIE
UDRIE
OVRIE
IDLEIE
TXEIE
RXNEIE
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bit [31:15] Reserved, must be kept at reset value
Bit 14 PEIE: Parity error interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A UART interrupt is generated whenever PE=1 in the SC1_UARTSR register.
Note: Not used in SC2
Bit 13 FEIE: Frame error interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A UART interrupt is generated whenever PE=1 in the SC1_UARTSR register
Note: Not used in SC2
Bit 12 TXULODRIE: DMA transmit buffer B unloaded interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A DMA transmit buffer B unloaded error interrupt is generated whenever TXULOADB=1 in
the SC1_UARTSR register.
Bit 11 TXULODAIE: DMA transmit buffer A unloaded interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A DMA transmit buffer A unloaded error interrupt is generated whenever TXULOADA=1 in
the SC1_UARTSR register.
Bit 10 RXULODBIE: DMA receive buffer B unloaded interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A DMA receive buffer B unloaded error interrupt is generated whenever RXULOADB=1 in
the SCx_ISR register.
Bit 9 RXULODAIE: DMA receive buffer A unloaded interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: A DMA receive buffer A unloaded error interrupt is generated whenever RXULOADA=1 in
the SCx_ISR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com