Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 117Page - STMicroelectronics STM32W108CB Datasheet HTML 118Page - STMicroelectronics STM32W108CB Datasheet HTML 119Page - STMicroelectronics STM32W108CB Datasheet HTML 120Page - STMicroelectronics STM32W108CB Datasheet HTML 121Page - STMicroelectronics STM32W108CB Datasheet HTML 122Page - STMicroelectronics STM32W108CB Datasheet HTML 123Page - STMicroelectronics STM32W108CB Datasheet HTML 124Page - STMicroelectronics STM32W108CB Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Serial interfaces
Doc ID 16252 Rev 14
121/278
9.6.3
RTS/CTS flow control
RTS/CTS flow control, also called hardware flow control, uses two signals (nRTS and nCTS)
in addition to received and transmitted data (see Figure 14). Flow control is used by a data
receiver to prevent buffer overflow, by signaling an external device when it is and is not
allowed to transmit.
Figure 14.
RTS/CTS flow control connections
The UART RTS/CTS flow control options are selected by the HFCE and AHFCE bits in the
SC1_UARTCR register (see Table 30). Whenever the HFCE bit is set, the UART will not
start transmitting a character unless nCTS is low (asserted). If nCTS transitions to the high
state (deasserts) while a character is being transmitted, transmission of that character
continues until it is complete.
If the AHFCE bit is set, nRTS is controlled automatically by hardware: nRTS is put into the
low state (asserted) when the receive FIFO has room for at least two characters, otherwise
is it in the high state (unasserted). If AHFCE is clear, software controls the nRTS output by
setting or clearing the nRTS bit int the SC1_UARTCR register. Software control of nRTS is
useful if the external serial device cannot stop transmitting characters promptly when nRTS
is set to the high state (deasserted).
No RTS/CTS flow control
Flow control using RTS/CTS with software control of nRTS:
nRTS controlled by nRTS bit in SC1_UARTCR register
Flow control using RTS/CTS with hardware control of nRTS:
nRTS is asserted if room for at least 2 characters in receive FIFO
Other Device
UART Receiver
UART Transmitter
STM32W108
UART Transmitter
UART Receiver
RXD
TXD
nRTS
nCTS
TXD
RXD
nCTS
nRTS
Table 30.
UART RTS/CTS flow control configurations
SC1_UARTCR
Pins used
Operating mode
SC1_UARTxxx(1)
HFCE
AHFCE nRTS
0-
-
TXD, RXD
10
0/1
TXD, RXD,
nCTS, nRTS
11
-
TXD, RXD,
nCTS, nRTS
1.
The notation xxx means that the corresponding column header below is inserted to form the field name.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com