Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 206 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 206 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 202Page - Microchip Technology KSZ9563R Datasheet HTML 203Page - Microchip Technology KSZ9563R Datasheet HTML 204Page - Microchip Technology KSZ9563R Datasheet HTML 205Page - Microchip Technology KSZ9563R Datasheet HTML 206Page - Microchip Technology KSZ9563R Datasheet HTML 207Page - Microchip Technology KSZ9563R Datasheet HTML 208Page - Microchip Technology KSZ9563R Datasheet HTML 209Page - Microchip Technology KSZ9563R Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 226 page
background image
KSZ9563R
DS00002419D-page 206
 2017-2018 Microchip Technology Inc.
6.4.5
SPI TIMING
Figure 6-9 and Figure 6-10 illustrate the SPI timing requirements.
FIGURE 6-9:
SPI DATA INPUT TIMING
FIGURE 6-10:
SPI DATA OUTPUT TIMING
TABLE 6-9:
SPI TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
fSCLK
SCL clock frequency
50
MHz
t1
SCS_N active setup time
8
ns
t2
SDI data input setup time
3
ns
t3
SDI data input hold time
3
ns
t4
SCS_N active hold time
8
ns
t5
SCS_N disable high time
8
ns
t6
SCL falling edge to SDO data output valid
2
9
ns
t7
SCS_N inactive to SDO data input invalid
1
ns
SCS_N
SDI
SDO
SCL
SCL
SCS_N
SDO
SDO
SDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com