Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 32 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 32 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 28Page - Microchip Technology KSZ9563R Datasheet HTML 29Page - Microchip Technology KSZ9563R Datasheet HTML 30Page - Microchip Technology KSZ9563R Datasheet HTML 31Page - Microchip Technology KSZ9563R Datasheet HTML 32Page - Microchip Technology KSZ9563R Datasheet HTML 33Page - Microchip Technology KSZ9563R Datasheet HTML 34Page - Microchip Technology KSZ9563R Datasheet HTML 35Page - Microchip Technology KSZ9563R Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 226 page
background image
KSZ9563R
DS00002419D-page 32
 2017-2018 Microchip Technology Inc.
Note 4-1
VLAN Enable is bit 7 in the Switch Lookup Engine Control 0 Register
Note 4-2
VLAN Match/Valid indicates when the VLAN Table entry is valid
Note 4-3
Forward Option is a bit in the VLAN Table Entry 0 Register
Note 4-4
Egress VLAN Filtering are bits 5 and 4 in the Switch Lookup Engine Control 2 Register
Note 4-5
Unknown VID Forwarding is in the Unknown VLAN ID Control Register
Note 4-6
Drop Invalid VID is bit 6 in the Switch Lookup Engine Control 0 Register
Note 4-7
ALU Match/Valid indicates when the Address Lookup is a success
Table 4-9 describes in more detail the address lookup process that follows the VLAN Table lookup. Lookup occurs in
both the Address Lookup Table and the Static Address Table simultaneously, and the resulting action depends on the
results of the two lookups.
A source address (SA) lookup is also performed in the Address Lookup Table. SA lookup also performs SA filtering and
MAC priority when the address is hit. Table 4-10 describes how learning is performed in the Address Lookup Table when
a successful VLAN table lookup has been done and the no matching static entry is found in the Address Lookup Table
or the Static Address Table.
Note:
“(def)” indicates the default power-up value.
TABLE 4-9:
HASHED(DA) + FID LOOKUP IN VLAN MODE
DA found in
Static MAC
Table?
Use FID Flag?
(Static MAC Table)
FID Match?
DA+FID found in
ALU Table?
Action
No
Don’t Care
Don’t Care
No
Lookup has failed. Broadcast to
the membership ports defined in
the VLAN Table
No
Don’t Care
Don’t Care
Yes
Send to the destination port
defined in the Address Lookup
(ALU) Table
Yes
0
Don’t Care
Don’t Care
Send to the destination port(s)
defined in the Static Address Table
Yes
1
No
No
Lookup has failed. Broadcast to
the membership ports defined in
the VLAN Table.
Yes
1
No
Yes
Send to the destination port
defined in the Address Lookup
(ALU) Table
Yes
1
Yes
Don’t Care
Send to the destination port(s)
defined in the Static Address Table
TABLE 4-10:
HASHED(SA) + FID LOOKUP IN VLAN MODE
FID + SA found in Address Lookup (ALU) Table?
Action
No
Learn and add FID + SA to the Address Lookup (ALU) Table
Yes
If the static bit is 0, update the time stamp and the egress
port map.
If the static bit is 1, then nothing is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com