Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 52 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 52 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 48Page - Microchip Technology KSZ9563R Datasheet HTML 49Page - Microchip Technology KSZ9563R Datasheet HTML 50Page - Microchip Technology KSZ9563R Datasheet HTML 51Page - Microchip Technology KSZ9563R Datasheet HTML 52Page - Microchip Technology KSZ9563R Datasheet HTML 53Page - Microchip Technology KSZ9563R Datasheet HTML 54Page - Microchip Technology KSZ9563R Datasheet HTML 55Page - Microchip Technology KSZ9563R Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 226 page
background image
KSZ9563R
DS00002419D-page 52
 2017-2018 Microchip Technology Inc.
or interruptions. This sequence can be located anywhere within the packet, but must be preceded by a synchronization
stream. The synchronization stream is defined as 6 bytes of 0xFF. The device will also accept a broadcast frame, as
long as the 16 duplications of the IEEE address match the address of the machine to be awakened.
4.8.6.4
Interrupt Generation on Power Management Related Events
There are two ways an interrupt can be generated to the host whenever a power management related event takes place.
The resulting interrupts are via the PME_N signal pin or via the INTRP_N signal pin.
4.9
Management Interface
The management interface may be used by an external host processor to read and write the device’s registers. This
interface has three available modes of operation: SPI, I2C or MIIM. The interface mode is selected at the deassertion
of reset by a strapping option (refer to Section 3.2.1, "Configuration Straps," on page 16 for additional information).
Of the three interface options, SPI provides the highest performance, while MIIM performance is the lowest. Most impor-
tantly, MIIM provides access to the PHY control and status registers, but not to any of the switch registers. The vast
majority of applications therefore can use SPI or I2C, but not MIIM.
Register access is also available through the high-performance in-band management interface as described in Section
4.10, "In-Band Management," on page 56. Because the in-band management interface must be set up via the SPI or
I2C interface before it can be used, it can complement but not completely replace the serial management interface.
4.9.1
SPI SLAVE SERIAL BUS
The KSZ9563R supports a slave mode SPI interface that provides complete access to all device registers via an SPI
master device. The SPI master device supplies the serial clock (SCL), select (SCS_N), and serial input data (SDI). Serial
output data (SDO) is driven by the KSZ9563R.
SCL is expected to stay low when SPI operation is idle. SPI operations start with the falling edge of SCS_N and end with
the rising edge of SCS_N. A single read or write access consists of a 27-bit command/address phase, then a 5-bit turn-
around (TA) phase, then an 8-bit data phase. For burst read or write access, SCS_N is held low while SCL continues to
toggle. For every 8 cycles of SCL, the device will increment the address counter, and the corresponding data byte will
be transferred on SDI or SDO in succession.
All commands, addresses and data are transferred most significant bit first. Input data on SDI is latched on the rising
edge of serial clock SCL. Output data on SDO is clocked on the falling edge of SCL.
As shown in Figure 4-24, there are two commands: register read and register write. Figure 4-11 and Figure 4-12 show
the timing for these two operations.
Note 4-8
TA bits are turn-around bits. They are “don't care” bits.
TABLE 4-24:
REGISTER ACCESS USING THE SPI INTERFACE
SPI Operation
Command/Address Phase (SDI pin)
TA bits
(Note 4-8)
Data Phase
(SDO or SDI pins)
Command
Register Address
Register Read
011
A23 A22 A21 A20 … A7 A6 A5 A4 A3 A2 A1 A0 XXXXX D7 D6 D5 D4 D3 D2 D1 D0
Register Write
010
A23 A22 A21 A20 … A7 A6 A5 A4 A3 A2 A1 A0 XXXXX D7 D6 D5 D4 D3 D2 D1 D0
Note:
The actual device address space is 16 bits (A15 - A0), so the values of address bits A23 - A16 in the SPI
command/address phase are “don't care”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com