Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 78 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 78 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 74Page - Microchip Technology KSZ9563R Datasheet HTML 75Page - Microchip Technology KSZ9563R Datasheet HTML 76Page - Microchip Technology KSZ9563R Datasheet HTML 77Page - Microchip Technology KSZ9563R Datasheet HTML 78Page - Microchip Technology KSZ9563R Datasheet HTML 79Page - Microchip Technology KSZ9563R Datasheet HTML 80Page - Microchip Technology KSZ9563R Datasheet HTML 81Page - Microchip Technology KSZ9563R Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 226 page
background image
KSZ9563R
DS00002419D-page 78
 2017-2018 Microchip Technology Inc.
5.1.4.13
Switch Lookup Engine Control 2 Register
Address:
0x0312
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
R/W
0b
6
Double Tag Multicast Trap
1 = When double tagging mode is enabled, forward all reserved multicast
packets to the host port only.
0 = Normal forwarding
R/W
0b
5
Dynamic Entry Egress VLAN Filtering
Egress VLAN filtering uses the forwarding port map from the VLAN table to
restrict the forwarding ports determined from the address lookup. This is the
recommended mode of operation when VLAN is enabled. The default value
is 0 only for backwards compatibility with previous switches.
1 = Enable. For successful lookup of a dynamic entry in the address table,
the forwarding ports are determined from the AND function of the address
table port map and the VLAN table port map.
0 = Disable. For successful lookup of a dynamic entry in the address table,
the forwarding ports are determined from the address table only.
R/W
0b
4
Static Entry Egress VLAN Filtering
Egress VLAN filtering uses the forwarding port map from the VLAN table to
restrict the forwarding ports determined from the address lookup. This is the
recommended mode of operation when VLAN is enabled. The default value
is 0 only for backwards compatibility with previous switches.
1 = Enable. For successful lookup of a static entry in the address table, the
forwarding ports are determined from the AND function of the address table
port map and the VLAN table port map.
0 = Disable. For successful lookup of a static entry in the address table, the
forwarding ports are determined from the address table only.
R/W
0b
3:2
Flush Option
Determines which address lookup table entries may be flushed by either of
the flush operations in the Switch Lookup Engine Control 1 Register.
00 = No flush or flush is done
01 = Flush only dynamic table entries
10 = Flush only static table entries
11 = Flush both static and dynamic table entries
R/W
00b
1:0
MAC Address Priority
00 = MAC Address (MACA) priority for a packet is determined from the
destination address (DA) lookup
01 = MACA priority for a packet is determined from the source address (SA)
lookup
10 = MACA priority for a packet is determined from the higher of the DA and
SA lookups
11 = MACA priority for a packet is determined from the lower of the DA and
SA lookups
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com