Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 28 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 28 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 24Page - Microchip Technology KSZ9563R Datasheet HTML 25Page - Microchip Technology KSZ9563R Datasheet HTML 26Page - Microchip Technology KSZ9563R Datasheet HTML 27Page - Microchip Technology KSZ9563R Datasheet HTML 28Page - Microchip Technology KSZ9563R Datasheet HTML 29Page - Microchip Technology KSZ9563R Datasheet HTML 30Page - Microchip Technology KSZ9563R Datasheet HTML 31Page - Microchip Technology KSZ9563R Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 226 page
background image
KSZ9563R
DS00002419D-page 28
 2017-2018 Microchip Technology Inc.
4.4.2.3
Reserved Multicast Address Table
The Reserved Multicast Address Table holds 8 pre-configured address entries, as defined in Table 4-6. This table is an
optional feature that is disabled at power-on. If desired, the forwarding ports may be modified.
If a match is found in one of the tables, then the destination port is read from that table entry. If a match is found in more
than one table, static entries will take priority over dynamic entries.
4.4.2.4
Learning
The internal lookup engine updates the ALU table with a new dynamic entry if the following conditions are met:
• The received packet's source address (SA) does not exist in the lookup table.
• The received packet has no errors, and the packet size is of legal length.
• The received packet has a unicast SA.
The lookup engine inserts the qualified SA into the table, along with the port number and age count. If all four table
entries are valid, the oldest of the (up to four) dynamic entries may be deleted to make room for the new entry. Static
entries are never deleted by the learning process. If all four entries are static entries, the address is not learned but an
interrupt is generated and the table index number is made available to the interrupt service routine.
4.4.2.5
Migration
The internal lookup engine also monitors whether a station has moved. If a station has moved, it updates the ALU table
accordingly. Migration happens when the following conditions are met:
• The received packet's SA is in the table but the associated source port information is different.
• The received packet has no receiving errors, and the packet size is of legal length.
The lookup engine updates the existing record in the table with the new source port information.
TABLE 4-6:
RESERVED MULTICAST ADDRESS TABLE
Group
Address
MAC Group
Address Function
Default PORT FORWARD
Value
(defines forwarding port: P3...P1)
Default Forwarding Action
0
(01-80-C2-00)-00-00
Bridge Group Data
100
Forward to port 3
(management port)
1
(01-80-C2-00)-00-01
MAC Control Frame
(typically flow control)
000
Drop MAC flow control
2
(01-80-C2-00)-00-03
802.1X Port-Based
Authentication
100
Forward to port 3
(management port)
3
(01-80-C2-00)-00-10
Bridge Management
111
Flood to all ports
4
(01-80-C2-00)-00-20
GMRP
011
Flood to all ports except
port 3
5
(01-80-C2-00)-00-21
GVRP
011
Flood to all ports except
port 3
6
(01-80-C2-00)-00-02,
(01-80-C2-00)-00-04 –
(01-80-C2-00)-00-0F
100
Forward to port 3
(management port)
7
(01-80-C2-00)-00-11 -
(01-80-C2-00)-00-1F,
(01-80-C2-00)-00-22 -
(01-80-C2-00)-00-2F
011
Flood to all ports except
port 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com