Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 51 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 51 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 47Page - Microchip Technology KSZ9563R Datasheet HTML 48Page - Microchip Technology KSZ9563R Datasheet HTML 49Page - Microchip Technology KSZ9563R Datasheet HTML 50Page - Microchip Technology KSZ9563R Datasheet HTML 51Page - Microchip Technology KSZ9563R Datasheet HTML 52Page - Microchip Technology KSZ9563R Datasheet HTML 53Page - Microchip Technology KSZ9563R Datasheet HTML 54Page - Microchip Technology KSZ9563R Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 51
KSZ9563R
4.8.5.1
Transmit Direction Control for MII Mode
For EEE ports, low-power idle (LPI) state for the transmit direction will be entered when the internal EEE MAC signals
to its PHY to do so. The PHY will stay in the transmit LPI state as long as indicated by the MAC. The TX_CLK is not
stopped.
Even though the PHY is in LPI state, it will periodically leave the LPI state to transmit a refresh signal using specific
transmit code bits. This allows the link partner to keep track of the long-term variation of channel characteristics and
clock drift between the two partners. Approximately every 20ms - 22ms, the PHY will transmit a bit pattern to its link
partner of duration 200µs - 220µs. The refresh times are shown in Figure 4-10.
4.8.5.2
Receive Direction Control for MII Mode
If enabled for LPI mode, upon receiving a P Code bit pattern (refresh), the PHY will enter the LPI state and signal to the
internal MAC. If the PHY receives some non-P Code bit pattern, it will signal to the MAC to return to “normal frame”
mode. The PHY can turn off the RX_CLK after nine or more clocks have occurred in the LPI state.
In the EEE-compliant environment, the internal PHYs will be monitoring and expecting the P Code (refresh) bit pattern
from its link partner that is generated approximately every 20ms - 22ms, with a duration of about 200µs - 220µs. This
allows the link partner to keep track of the long term variation of channel characteristics and clock drift between the two
partners.
4.8.6
WAKE ON LAN (WOL)
Wake on LAN allows a computer to be turned on or woken up by a network message. The message is usually sent by
a program executed on another computer on the same local area network. Wake-up frame events are used to awaken
the system whenever meaningful data is presented to the system over the network. Examples of meaningful data
include the reception of a Magic Packet, a management request from a remote administrator, or simply network traffic
directly targeted to the local system. The device can be programmed to notify the host of the Wake-Up frame detection
with the assertion of the interrupt signal (INTRP_N) or assertion of the power management event signal (PME_N).
The device’s MACs support the detection of the following Wake-Up events:
• Detection of energy signal over a pre-configured value
• Detection of a linkup in the network link state
• Receipt of a Magic Packet
There are also other types of Wake-Up events that are not listed here as manufacturers may choose to implement these
in their own way.
4.8.6.1
Direction of Energy
The energy is detected from the cable and is continuously presented for a time longer than pre-configured value, espe-
cially when this energy change may impact the level at which the system should re-enter to the normal power state.
4.8.6.2
Direction of Link-up
Link status wake events are useful to indicate a linkup in the network's connectivity status.
4.8.6.3
Magic PacketTM
The Magic Packet is a broadcast frame containing anywhere within its payload 6 bytes of all 1s (FF FF FF FF FF FF)
followed by sixteen repetitions of the target computer's 48-bit DA MAC address. Since the magic packet is only scanned
for the above string, and not actually parsed by a full protocol stack, it may be sent as any network- and transport-layer
protocol.
Magic Packet technology is used to remotely wake up a sleeping or powered-off PC on a LAN. This is accomplished by
sending a specific packet of information, called a Magic Packet frame, to a node on the network. When a PC capable
of receiving the specific frame goes to sleep, it enables the Magic Packet RX mode in the LAN controller, and when the
LAN controller receives a Magic Packet frame, it will alert the system to wake up. Once the device has been enabled
for Magic Packet Detection, it scans all incoming frames addressed to the node for a specific data sequence, which
indicates to the controller this is a Magic Packet frame.
A Magic Packet frame must also meet the basic requirements for the LAN technology chosen, such as Source Address
(SA), Destination Address (DA), which may be the receiving station's IEEE MAC address, or a multicast or broadcast
address and CRC. The specific sequence consists of 16 duplications of the MAC address of this node, with no breaks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com