Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 4 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 4 Page - Microchip Technology

  KSZ9563R Datasheet HTML 1Page - Microchip Technology KSZ9563R Datasheet HTML 2Page - Microchip Technology KSZ9563R Datasheet HTML 3Page - Microchip Technology KSZ9563R Datasheet HTML 4Page - Microchip Technology KSZ9563R Datasheet HTML 5Page - Microchip Technology KSZ9563R Datasheet HTML 6Page - Microchip Technology KSZ9563R Datasheet HTML 7Page - Microchip Technology KSZ9563R Datasheet HTML 8Page - Microchip Technology KSZ9563R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 226 page
background image
KSZ9563R
DS00002419D-page 4
 2017-2018 Microchip Technology Inc.
1.0
PREFACE
1.1
Glossary of Terms
TABLE 1-1:
GENERAL TERMS
Term
Description
10BASE-T
10 Mbps Ethernet, 3.3V signaling, IEEE 802.3 compliant
100BASE-TX
100 Mbps Fast Ethernet, IEEE 802.3u compliant
1000BASE-T
1000 Mbps Gigabit Ethernet, IEEE 802.3ab compliant
ADC
Analog-to-Digital Converter
AN
Auto-Negotiation
AVB
Audio Video Bridging (IEEE 802.1BA, 802.1AS, 802.1Qat, 802.1Qav)
BLW
Baseline Wander
BPDU
Bridge Protocol Data Unit. Messages which carry the Spanning Tree Protocol informa-
tion.
Byte
8 bits
CRC
Cyclic Redundancy Check. A common technique for detection data transmission
errors. CRC for Ethernet is 32 bits long.
CSR
Control and Status Registers
DA
Destination Address
DWORD
32 bits
EEE
Energy Efficient Ethernet
FCS
Frame Check Sequence. The extra checksum characters added to the end of an
Ethernet frame, used for error detection and correction.
FID
Frame or Filter ID. Specifies the frame identifier. Alternately is the filter identifier.
FIFO
First In First Out buffer
FSM
Finite State Machine
GPIO
General Purpose I/O
GPO
General Purpose Output
Host
External system (Includes processor, application software, etc.)
IBA
In-Band Access. External device accesses internal registers using special Ethernet
packets.
IBS
In-Band Status. The PHY can send link status information to the MAC across the
RGMII interface.
IGMP
Internet Group Management Protocol. Defined by RFC 1112, RFC 2236, and RFC
4604 to establish multicast group membership in IPv4 networks.
IPG
Inter-Packet Gap. A time delay between successive data packets mandated by the
network standard for protocol reasons.
Jumbo Packet
A packet larger than the standard Ethernet packet (1518 bytes). Large packet sizes
allow for more efficient use of bandwidth, lower overhead, less processing, etc..
lsb
Least Significant Bit
LSB
Least Significant Byte
MAC
Media Access Controller. A functional block responsible for implementing the media
access control layer, which is a sublayer of the data link layer.
MDI
Medium Dependent Interface. An Ethernet port connection that allows network hubs or
switches to connect to other hubs or switches without a null-modem, or crossover,
cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com