Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 45 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 45 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 41Page - Microchip Technology KSZ9563R Datasheet HTML 42Page - Microchip Technology KSZ9563R Datasheet HTML 43Page - Microchip Technology KSZ9563R Datasheet HTML 44Page - Microchip Technology KSZ9563R Datasheet HTML 45Page - Microchip Technology KSZ9563R Datasheet HTML 46Page - Microchip Technology KSZ9563R Datasheet HTML 47Page - Microchip Technology KSZ9563R Datasheet HTML 48Page - Microchip Technology KSZ9563R Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 45
KSZ9563R
4.4.17.3
Action Rule Description
EQ
Equal / Not Equal
0 = Not Equal produces true result
1 = Equal produces true result
MAX PORT[15:0]
MIN PORT[15:0]
Max and Min Ports for TCP/UDP
or
TCP Sequence Number[31:0]
PC[1:0]
Port Comparison
00 = Port comparison is disabled
01 = Port matches either one of MAX or MIN
10 = Match if port number is in the range of MIN to MIN
11 = Match if port number is out of the range
PRO[7:0]
IPv4 protocol to be matched
FME
TCP Flag Match Enable
0 = TCP FLAG matching disabled
1 = TCP FLAG matching enabled
FMASK[7:0]
TCP FLAG Mask
0 = This bit of the Flag field is compared
1 = This bit of the Flag field is not compared
FLAG[7:0]
TCP Flag to be matched
TABLE 4-20:
ACL ACTION RULE PARAMETERS FOR NON-COUNT MODES (MD ≠ 01 OR ENB ≠
00)
Parameter
Description
PM[1:0]
Priority Mode
00 = ACL does not specify the packet priority. Priority is determined by standard QoS
functions.
01 = Change packet priority to P[2:0] if it is greater than QoS result.
10 = Change packet priority to P[2:0] if it is smaller than the QoS result.
11 = Always change packet priority to P[2:0].
P[2:0]
Priority value
RPE
Remark Priority Enable
0 = Disable priority remarking
1 = Enable priority remarking. VLAN tag priority (PCP) bits are replaced by RP[2:0].
RP[2:0]
Remarked Priority value
MM[1:0]
Map Mode
00 = No forwarding remapping
01 = The forwarding map in FORWARD is OR'ed with the forwarding map from the
Address Lookup Table.
10 = The forwarding map in FORWARD is AND'ed with the forwarding map from the
Address Lookup Table.
11 = The forwarding map in FORWARD replaces the forwarding map from the Address
Lookup Table.
FORWARD[N-1:0]
Forwarding Ports
Bit 0 corresponds to port 1
Bit 1 corresponds to port 2, etc.
0 = Do not forward to this port
1 = Forward to this port
TABLE 4-19:
ACL MATCHING RULE PARAMETERS FOR MD = 11 (CONTINUED)
Parameter
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com