Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 54 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 54 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 50Page - Microchip Technology KSZ9563R Datasheet HTML 51Page - Microchip Technology KSZ9563R Datasheet HTML 52Page - Microchip Technology KSZ9563R Datasheet HTML 53Page - Microchip Technology KSZ9563R Datasheet HTML 54Page - Microchip Technology KSZ9563R Datasheet HTML 55Page - Microchip Technology KSZ9563R Datasheet HTML 56Page - Microchip Technology KSZ9563R Datasheet HTML 57Page - Microchip Technology KSZ9563R Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 226 page
background image
KSZ9563R
DS00002419D-page 54
 2017-2018 Microchip Technology Inc.
4.9.3
MII MANAGEMENT (MIIM) INTERFACE
The device supports the IEEE 802.3 MII management interface, also known as the management data input/output
(MDIO) interface. This interface allows upper-layer devices to monitor and control the states of the KSZ9563R PHY
blocks, but it does not provide access to the switch registers. An external device with MDC/MDIO capability can read
the PHY status or configure the PHY settings. Details on the MIIM interface can be found in Clauses 22 and 45 of the
IEEE 802.3 Specification.
Use of MIIM conflicts with use of the In-Band Management interface. These interfaces cannot be used simultaneously.
The MIIM interface consists of the following:
• A physical connection that uses a data signal (MDIO) and a clock signal (MDC) for communication between an
external controller and the KSZ9563R. Note that the MDIO signal is open-drain.
• A specific protocol that operates across the two signal physical connection that allows an external controller to
communicate with the internal PHY devices.
• Access to a set of standard, vendor-specific and extended (MMD) 16-bit registers. These registers are also
directly accessible via the SPI and I2C interface options.
The MIIM Interface can operate up to a maximum clock speed of 5MHz. Access is limited to only the registers in the
PHY blocks of ports 1 and 2. Table 4-25 summarizes the MII management interface frame format.
The MIIM PHY address to PHY port mapping is as follows:
• PHY Address 1h to PHY port 1
• PHY Address 2h to PHY port 2
The MIIM register address space consists of two distinct areas.
• Standard MIIM Registers (Direct)
• MDIO Manageable Device (MMD) Registers (Indirect)
FIGURE 4-15:
BURST REGISTER WRITE
FIGURE 4-16:
BURST REGISTER READ
TABLE 4-25:
MII MANAGEMENT INTERFACE FRAME FORMAT
Operation
Mode
Preamble
(32-bit)
Start of
Frame
(2-bit)
Operation
Code
(2-bit)
PHY
Address
(5-bit)
Register
Address
(5-bit)
Turn
Around
(2-bit)
Register
Data
(16-bit)
Idle
Read
All 1s
01
10
A[4:0]
Reg[4:0]
Z0
D[15:0]
Z
Write
All 1s
01
01
A[4:0]
Reg[4:0]
10
D[15:0]
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com