Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 48 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 48 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 44Page - Microchip Technology KSZ9563R Datasheet HTML 45Page - Microchip Technology KSZ9563R Datasheet HTML 46Page - Microchip Technology KSZ9563R Datasheet HTML 47Page - Microchip Technology KSZ9563R Datasheet HTML 48Page - Microchip Technology KSZ9563R Datasheet HTML 49Page - Microchip Technology KSZ9563R Datasheet HTML 50Page - Microchip Technology KSZ9563R Datasheet HTML 51Page - Microchip Technology KSZ9563R Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 226 page
background image
KSZ9563R
DS00002419D-page 48
 2017-2018 Microchip Technology Inc.
.
4.5.2
IEEE 1588 PTP MESSAGING PROCESSING
The device supports IEEE 1588 PTP time synchronization when 1588 PTP mode and message detection are enabled.
Different operations will be applied to PTP packet processing based on the setting of P2P or E2E in transparent clock
mode, master or slave in ordinary clock mode, one-step clock mode, and if the domain checking is enabled. For the
IPv4/UDP egress packet, the checksum can be updated by either re-calculating the two-bytes or by setting it to zero.
For the IPv6/UDP egress packet, the checksum is always updated.
4.5.3
IEEE 1588 PTP EVENT TRIGGERING AND TIMESTAMPING
An event trigger output signal can be generated when the target and activation time matches the IEEE1588 PTP system
clock time. Likewise, an event timestamp input can be captured from an external event input signal and the correspond-
ing time on the IEEE1588 PTP system clock will be captured. Both the output event block and the input timestamp block
can be programmed to generate interrupts.
4.6
Clocking
4.6.1
PRIMARY CLOCK
The device requires a 25MHz reference clock input at the XI pin. This clock is internally multiplied up and used to clock
all of the internal logic and switching functions. It is also normally used as to clock the PHY transmit paths. This clock
may be supplied by connecting a crystal between the XI and XO pins (and appropriate load capacitors to ground). Alter-
natively, an external CMOS clock signal may drive XI, while XO is left unconnected. The XI/XO block is powered from
AVDDH.
4.6.2
MAC INTERFACE CLOCKS
The MII interface is clocked asymmetrically, with the PHY device driving both the RX_CLKx receive clock and the TX_-
CLKx transmit clock to the MAC device. The MII port may be configured at reset by a strapping option to take the role
of either the PHY or the MAC. RX_CLK and TX_CLK are therefore either both inputs or both outputs, depending on
the MII mode.
FIGURE 4-9:
PTP SYSTEM CLOCK OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com