Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 97 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 97 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 93Page - Microchip Technology KSZ9563R Datasheet HTML 94Page - Microchip Technology KSZ9563R Datasheet HTML 95Page - Microchip Technology KSZ9563R Datasheet HTML 96Page - Microchip Technology KSZ9563R Datasheet HTML 97Page - Microchip Technology KSZ9563R Datasheet HTML 98Page - Microchip Technology KSZ9563R Datasheet HTML 99Page - Microchip Technology KSZ9563R Datasheet HTML 100Page - Microchip Technology KSZ9563R Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 97
KSZ9563R
5.1.4.68
WRED DiffServ Color Mapping Register
5.1.4.69
PTP Event Message Priority Register
0
Sniff Mode Select
1 = Sniffing filter is “Rx AND Tx”. Both the source port and destination ports
need to match.
0 = Sniffing filter is “Rx OR Tx”. Either the source port of the destination port
needs to match. This mode is used to implement Rx-only sniffing.
R/W
0b
Address:
0x0378
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
00b
5:4
Red
This field specifies the red Differentiated Services Code Point (DSCP) value.
R/W
11b
3:2
Yellow
This field specifies the yellow DSCP value.
R/W
10b
1:0
Green
This field specifies the green DSCP value.
R/W
01b
Address:
0x037C
Size:
8 bits
Bits
Description
Type
Default
7
PTP Event Message Priority Override
0 = PTP event messages are assigned priority based on packet QoS
1 = PTP event messages are forced to the priority assigned to the PTP Event
Message Priority field of this register.
R/W
0b
6:4
RESERVED
RO
000b
3:0
PTP Event Message Priority
PTP non-event messages are assigned to this priority on queuing when bit 7
of this register is 1.
R/W
1111b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com