Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 96 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 96 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 92Page - Microchip Technology KSZ9563R Datasheet HTML 93Page - Microchip Technology KSZ9563R Datasheet HTML 94Page - Microchip Technology KSZ9563R Datasheet HTML 95Page - Microchip Technology KSZ9563R Datasheet HTML 96Page - Microchip Technology KSZ9563R Datasheet HTML 97Page - Microchip Technology KSZ9563R Datasheet HTML 98Page - Microchip Technology KSZ9563R Datasheet HTML 99Page - Microchip Technology KSZ9563R Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 226 page
background image
KSZ9563R
DS00002419D-page 96
 2017-2018 Microchip Technology Inc.
5.1.4.65
IP DiffServ Priority Mapping 30 Register
5.1.4.66
IP DiffServ Priority Mapping 31 Register
5.1.4.67
Global Port Mirroring and Snooping Control Register
This register contains global controls for port mirroring and IGMP and MLD snooping. Mirroring also requires additional
register settings for the individual ports. Refer to the Port N: Port Switch Ingress Control Registers (0xN800 - 0xN8FF).
Address:
0x035E
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x3D, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x3C, use this value for priority
R/W
000b
Address:
0x035F
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:4
When IPv4 / IPv6 DSCP field is 0x3F, use this value for priority
R/W
000b
3
RESERVED
RO
0b
2:0
When IPv4 / IPv6 DSCP field is 0x3E, use this value for priority
R/W
000b
Address:
0x0370
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6
IGMP Snooping Enable (IPv4)
1 = IGMP snooping is enabled. All IGMP packets will be forwarded to the
host port.
0 = IGMP snooping is disabled.
R/W
0b
5:4
RESERVED
RO
00b
3
MLD Snooping Option
1 = Snooping criteria: IPv6 next header = 43, 44, 50, 51 or 60; or next header
= 0 and hop-by-hop next header = 43, 44, 50, 51 or 60.
0 = Snooping criteria: IPv6 next header = 1 or 58; or next header = 0 and
hop-by-hop next header = 1 or 58.
R/W
0b
2
MLD Snooping Enable (IPv6)
1 = MLD snooping is enabled. All MLD packets will be forwarded to the host
port.
0 = MLD snooping is disabled.
R/W
0b
1
RESERVED
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com