Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 26 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 26 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 22Page - Microchip Technology KSZ9563R Datasheet HTML 23Page - Microchip Technology KSZ9563R Datasheet HTML 24Page - Microchip Technology KSZ9563R Datasheet HTML 25Page - Microchip Technology KSZ9563R Datasheet HTML 26Page - Microchip Technology KSZ9563R Datasheet HTML 27Page - Microchip Technology KSZ9563R Datasheet HTML 28Page - Microchip Technology KSZ9563R Datasheet HTML 29Page - Microchip Technology KSZ9563R Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 226 page
background image
KSZ9563R
DS00002419D-page 26
 2017-2018 Microchip Technology Inc.
4.3.7
HALF-DUPLEX BACK PRESSURE
A half-duplex back pressure option (non-IEEE 802.3 standard) is also provided. The activation and deactivation condi-
tions are the same as in full-duplex mode. If back pressure is required, the device sends preambles to defer the other
stations' transmission (carrier sense deference).
To avoid jabber and excessive deference (as defined in the 802.3 standard), after a certain time, the device discontinues
the carrier sense and then raises it again quickly. This short silent time (no carrier sense) prevents other stations from
sending out packets thus keeping other stations in a carrier sense deferred state. If the port has packets to send during
a back pressure situation, the carrier sense type back pressure is interrupted and those packets are transmitted instead.
If there are no additional packets to send, carrier sense type back pressure is reactivated again until chip resources free
up. If a collision occurs, the binary exponential back-off algorithm is skipped and carrier sense is generated immediately,
thus reducing the chance of further collision and carrier sense is maintained to prevent packet reception.
To ensure no packet loss in 10BASE-T/Te or 100BASE-TX half-duplex modes, the user must enable the following:
• No excessive collision drop (Switch MAC Control 1 Register)
• Back pressure (Port MAC Control 1 Register)
4.3.8
FLOW CONTROL AND BACK PRESSURE REGISTERS
Table 4-4 provides a list of flow control and back pressure related registers.
4.3.9
BROADCAST STORM PROTECTION
The device has an intelligent option to protect the switch system from receiving too many broadcast packets. As the
broadcast packets are forwarded to all ports except the source port, an excessive number of switch resources (band-
width and available space in transmit queues) may be utilized. The device has the option to include “multicast packets”
for storm control. The broadcast storm rate parameters are programmed globally, and can be enabled or disabled on a
per port basis. The rate is based on a 5ms interval for 1000BASE-T, a 50ms interval for 100BASE-TX and a 500ms
interval for 10BASE-T/Te. At the beginning of each interval, the counter is cleared to zero and the rate limit mechanism
starts to count the number of bytes during the interval. The rate definition is described in control registers. The default
setting equates to a rate of 1%.
4.3.10
SELF-ADDRESS FILTERING
Received packets can be filtered (dropped) if their source address matches the device's MAC address. This feature is
useful for automatically terminating packets once they have traversed a ring network and returned to their source. It can
be enabled on a per-port basis via the Switch Lookup Engine Control 1 Register and Port Control 2 Register.
TABLE 4-4:
FLOW CONTROL AND BACK PRESSURE REGISTERS
Registers
Description
Switch MAC Address 0 Register
through
Switch MAC Address 5 Register
Switch's MAC address, used as source address of PAUSE control
frames
Switch MAC Control 0 Register
“Aggressive back-off” enable
Switch MAC Control 1 Register
BP mode, “Fair mode” enable, “no excessive collision drop” enable
Switch MAC Control 4 Register
Pass PAUSE control frames
Port Status Register
Flow control enable (per port)
PHY Auto-Negotiation Advertisement Register PHY - flow control advertisement (per port)
Port MAC Control 1 Register
Half-duplex back pressure enable (per port)
Port Ingress Rate Limit Control Register
Ingress rate limit flow control enable (per port)
Port Control 0 Register
Drop mode (per port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com