Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 61 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 61 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 57Page - Microchip Technology KSZ9563R Datasheet HTML 58Page - Microchip Technology KSZ9563R Datasheet HTML 59Page - Microchip Technology KSZ9563R Datasheet HTML 60Page - Microchip Technology KSZ9563R Datasheet HTML 61Page - Microchip Technology KSZ9563R Datasheet HTML 62Page - Microchip Technology KSZ9563R Datasheet HTML 63Page - Microchip Technology KSZ9563R Datasheet HTML 64Page - Microchip Technology KSZ9563R Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 61
KSZ9563R
4.11.3.1
RGMII In-Band Status (IBS)
This device supports RGMII In-Band Status (IBS) when connected to a PHY that also supports IBS. With IBS, the PHY
sends link up/down status, link speed status (represented as RGMII clock speed) and link duplex status across the
RGMII to the MAC (this switch). This allows this RGMII port to adapt automatically to the speed and duplex of the PHY,
eliminating the need for an external management device to monitor the PHY and program the switch port accordingly,
or the need to restrict the PHY to a fixed speed and duplex. IBS is enabled by strapping LED2_0 high. If the RGMII port
is not connected to a PHY, or if the PHY doesn't support IBS, then IBS must be disabled by strapping LED2_0 low. This
can also be controlled by writing to bit 2 in the XMII Port Control 1 Register. The RGMII port will not function properly if
IBS is enabled in the switch, but it is not receiving in-band status from a connected PHY. The in-band status can be
monitored in the XMII Port Control 3 Register register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com