Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 77 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 77 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 73Page - Microchip Technology KSZ9563R Datasheet HTML 74Page - Microchip Technology KSZ9563R Datasheet HTML 75Page - Microchip Technology KSZ9563R Datasheet HTML 76Page - Microchip Technology KSZ9563R Datasheet HTML 77Page - Microchip Technology KSZ9563R Datasheet HTML 78Page - Microchip Technology KSZ9563R Datasheet HTML 79Page - Microchip Technology KSZ9563R Datasheet HTML 80Page - Microchip Technology KSZ9563R Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 77
KSZ9563R
5.1.4.12
Switch Lookup Engine Control 1 Register
Address:
0x0311
Size:
8 bits
Bits
Description
Type
Default
7
Unicast Learning Disable
1 = Unicast address learning is disabled
0 = Unicast address learning is enabled
R/W
0b
6
Self-Address Filtering – Global Enable
The source address of received packets is compared to the MAC address in
registers Switch MAC Address 0 Register through Switch MAC Address 5
Register, and the packet is dropped if there is a match.
Self-address filtering can be enabled on a port-by-port basis by setting the
port enable bit in the Port Control 2 Register in addition to setting this bit.
1 = Enable self-address filtering globally for those ports whose port enable
bit (Port Control 2 Register) is set.
0 = Do not filter self-addressed packets on any port.
R/W
0b
5
Flush Address Lookup Table
The Flush Option bit in the Switch Lookup Engine Control 2 Register
determines whether flushing is performed on dynamic entries, static entries,
or both.
1 = Trigger a flush of the entire address lookup table. The static address
table is not flushed.
0 = Normal operation
R/W
SC
0b
4
Flush MSTP Address Entries (Address Lookup Table)
The Flush Option bit in the Switch Lookup Engine Control 2 Register
determines whether flushing is performed on dynamic entries, static entries,
or both.
1 = Trigger a flush of the matched MSTP entries
0 = Normal operation
R/W
SC
0b
3
Multicast Source Address Filtering
1 = Forward packets with a multicast source address
0 = Drop packets with a multicast source address
R/W
1b
2
Aging Enable
1 = Enable address table aging
0 = Disable address table aging
R/W
1b
1
Fast Aging
1 = Enable fast aging
0 = Disable fast aging
R/W
0b
0
Link Down Flush
1 = Link down will cause the entries of any link down port to be flushed
0 = Link down flush is disabled
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com