Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 49 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 49 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 45Page - Microchip Technology KSZ9563R Datasheet HTML 46Page - Microchip Technology KSZ9563R Datasheet HTML 47Page - Microchip Technology KSZ9563R Datasheet HTML 48Page - Microchip Technology KSZ9563R Datasheet HTML 49Page - Microchip Technology KSZ9563R Datasheet HTML 50Page - Microchip Technology KSZ9563R Datasheet HTML 51Page - Microchip Technology KSZ9563R Datasheet HTML 52Page - Microchip Technology KSZ9563R Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 49
KSZ9563R
The RMII interface uses a single 50MHz clock. This REFCLK may be sourced either from the KSZ9563R or from the
connected device. A strapping option is used to select the mode. “Normal Mode” is the mode where the other device
supplies the clock, and the clock is an input to the REFCLKI pin of the device. “Clock Mode” is the mode where the
KSZ9563R generates the 50MHz clock on the REFCLKO pin.
The RGMII interface employs source synchronous clocking, so it is symmetrical and does not require a mode selection.
An output clock is generated on the RX_CLK pin, while an input clock is received on the TX_CLK pin. The clock speed
scales with the interface data rate - either 10, 100 or 1000 Mbps. A strapping option is used to select between the 100
and 1000 Mbps speeds. If the 10 Mbps rate is required, then a register setting is used to set that speed.
The MAC interfaces are powered from VDDIO.
4.6.3
SERIAL MANAGEMENT INTERFACE CLOCK
Whether configured to be SPI, I2C or MIIM, the KSZ9563R is always a slave and receives the clock as an input. The
serial management interface is powered from VDDIO.
4.7
Power
The KSZ9563R requires two to three supply voltages. The device core operates from a 1.2V supply (DVDDL and
AVDDL). The PHY transceivers and XI/XO crystal/clock interface operate from a 2.5V or 3.3V supply (AVDDH). The
digital I/O's can be operated from 1.8V, 2.5V or 3.3V (VDDIO). The digital I/Os powered from VDDIO include RGMII,
RMII, MII, SPI, I2C, MIIM, LED, RESET_N, PME_N, and INTRP_N.
4.8
Power Management
The device supports enhanced power management features in a low-power state with energy detection to ensure low-
power dissipation during device idle periods. There are three operation modes under the power management function
which are implemented globally (i.e., applying to all ports):
• Normal Operation Mode
• Energy Detect Mode
• Global Soft Power Down Mode
Table 4-23 summarizes all internal function blocks status under the four power-management operation modes.
There are two additional power saving modes that may be implemented on a per-port basis:
• Port-Based Power Down
• Energy Efficient Ethernet (EEE) - Active only if enabled in the device and auto-negotiated (per-port) with a link
partner. EEE can be enabled on a per-port basis for the PHY ports only.
The first four global power modes are mutually exclusive; only one mode may be selected at a time. The per-port power
modes may be enabled independent of one another, and independent of the global power mode.
Note:
Refer to Section 3.2.1, "Configuration Straps," on page 16 for additional information on using configuration
straps.
TABLE 4-23:
MDI/MDI-X PIN DEFINITIONS
Functional Blocks
Power Management Operation Modes
Normal Mode
Energy Detect Mode
Soft Power Down Mode
Internal PLL Clock
Enabled
Disabled
Disabled
TX/RX PHYs
Enabled
Energy Detect at RX
Disabled
MACs
Enabled
Disabled
Disabled
Host Interface
Enabled
Disabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com