Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 5 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 5 Page - Microchip Technology

  KSZ9563R Datasheet HTML 1Page - Microchip Technology KSZ9563R Datasheet HTML 2Page - Microchip Technology KSZ9563R Datasheet HTML 3Page - Microchip Technology KSZ9563R Datasheet HTML 4Page - Microchip Technology KSZ9563R Datasheet HTML 5Page - Microchip Technology KSZ9563R Datasheet HTML 6Page - Microchip Technology KSZ9563R Datasheet HTML 7Page - Microchip Technology KSZ9563R Datasheet HTML 8Page - Microchip Technology KSZ9563R Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 5
KSZ9563R
MDIX
Media Independent Interface with Crossover. An Ethernet port connection that allows
networked end stations (i.e., PCs or workstations) to connect to each other using a
null-modem, or crossover, cable.
MIB
Management Information Base. The MIB comprises the management portion of net-
work devices. This can include monitoring traffic levels and faults (statistical), and can
also change operating parameters in network nodes (static forwarding addresses).
MII
Media Independent Interface. The MII accesses PHY registers as defined in the IEEE
802.3 specification.
MIIM
Media Independent Interface Management
MLD
Multicast Listening Discovery. This protocol is defined by RFC 3810 and RFC 4604 to
establish multicast group membership in IPv6 networks.
MLT-3
Multi-Level Transmission Encoding (3-Levels). A tri-level encoding method where a
change in the logic level represents a code bit “1” and the logic output remaining at the
same level represents a code bit “0”.
msb
Most Significant Bit
MSB
Most Significant Byte
NRZ
Non Return to Zero. A type of signal data encoding whereby the signal does not return
to a zero state in between bits.
NRZI
Non Return to Zero Inverted. This encoding method inverts the signal for a “1” and
leaves the signal unchanged for a “0”
N/A
Not Applicable
NC
No Connect
OUI
Organizationally Unique Identifier
PHY
A device or function block which performs the physical layer interface function in a net-
work.
PLL
Phase Locked Loop. A electronic circuit that controls an oscillator so that it maintains a
constant phase angle (i.e., lock) on the frequency of an input, or reference, signal.
PTP
Precision Time Protocol
RESERVED
Refers to a reserved bit field or address. Unless otherwise noted, reserved bits must
always be zero for write operations. Unless otherwise noted, values are not guaran-
teed when reading reserved bits. Unless otherwise noted, do not read or write to
reserved addresses.
RTC
Real-Time Clock
SA
Source Address
SFD
Start of Frame Delimiter. The 8-bit value indicating the end of the preamble of an
Ethernet frame.
SQE
Signal Quality Error (also known as “heartbeat”)
SSD
Start of Stream Delimiter
TCP
Transmission Control Protocol
UDP
User Datagram Protocol - A connectionless protocol run on top of IP networks
UTP
Unshielded Twisted Pair. Commonly a cable containing 4 twisted pairs of wire.
UUID
Universally Unique IDentifier
VLAN
Virtual Local Area Network
WORD
16 bits
TABLE 1-1:
GENERAL TERMS (CONTINUED)
Term
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com