Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 212 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 212 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 208Page - Microchip Technology KSZ9563R Datasheet HTML 209Page - Microchip Technology KSZ9563R Datasheet HTML 210Page - Microchip Technology KSZ9563R Datasheet HTML 211Page - Microchip Technology KSZ9563R Datasheet HTML 212Page - Microchip Technology KSZ9563R Datasheet HTML 213Page - Microchip Technology KSZ9563R Datasheet HTML 214Page - Microchip Technology KSZ9563R Datasheet HTML 215Page - Microchip Technology KSZ9563R Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 226 page
background image
KSZ9563R
DS00002419D-page 212
 2017-2018 Microchip Technology Inc.
7.0
DESIGN GUIDELINES
This section provides general design guidelines for the following:
• Reset Circuit Guidelines
• Magnetics Connection and Selection Guidelines
7.1
Reset Circuit Guidelines
Figure 7-1 illustrates the recommended reset circuit for powering up the KSZ9563R if reset is triggered by the power
supply.
Figure 7-2 illustrates a reset circuit recommended for applications where reset is driven by another device, such as a
CPU. At power-on reset, R, C and D1 provide the necessary ramp rise time to reset the KSZ9563R. The RST_OUT_N
from the CPU provides a warm reset after power-up.
FIGURE 7-1:
SIMPLE RESET CIRCUIT
FIGURE 7-2:
RESET CIRCUIT FOR CPU RESET INTERFACE
Ethernet
Switch
VDDIO
D1
D1: 1N4148
R 10K
C 10uF
RESET_N
Ethernet
Switch
CPU/FPGA
VDDIO
C 10uF
R 10K
RST_OUT_N
D1
D2
D1, D2: 1N4148
RESET_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com