Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 122 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 122 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 118Page - Microchip Technology KSZ9563R Datasheet HTML 119Page - Microchip Technology KSZ9563R Datasheet HTML 120Page - Microchip Technology KSZ9563R Datasheet HTML 121Page - Microchip Technology KSZ9563R Datasheet HTML 122Page - Microchip Technology KSZ9563R Datasheet HTML 123Page - Microchip Technology KSZ9563R Datasheet HTML 124Page - Microchip Technology KSZ9563R Datasheet HTML 125Page - Microchip Technology KSZ9563R Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 226 page
background image
KSZ9563R
DS00002419D-page 122
 2017-2018 Microchip Technology Inc.
5.1.6.32
Timestamp 3rd Sample Time Nanoseconds Register
This register is indexed by the Timestamp Unit Index Pointer value in bit 8 of the Global PTP Unit Index Register.
5.1.6.33
Timestamp 3rd Sample Time Seconds Register
This register is indexed by the Timestamp Unit Index Pointer value in bit 8 of the Global PTP Unit Index Register.
5.1.6.34
Timestamp 3rd Sample Time Phase Register
This register is indexed by the Timestamp Unit Index Pointer value in bit 8 of the Global PTP Unit Index Register.
Address:
0x056C - 0x056F
Size:
32 bits
Bits
Description
Type
Default
31
RESERVED
RO
0b
30
Event Timestamp Input of the 3rd Sample Edge Indication
(TS_SAMPLE_EDGE_3RD)
1 = Indicates the event timestamp input is a rising edge signal
0 = Indicates the event timestamp input is a falling edge signal
RO
0b
29:0
Event Timestamp Input of the 3rd Sample Time in Nanoseconds
(TS_SAMPLE_TIME_NS_3RD)
This field is the low-word of the third sample time for the timestamp in nano-
seconds.
RO
0x00000000
Address:
0x0570 - 0x0573
Size:
32 bits
Bits
Description
Type
Default
31:0
Event Timestamp Input of the 3rd Sample Time in Seconds
(TS_SAMPLE_TIME_S_3RD)
This field is the third sample time for the timestamp in seconds.
RO
0x00000000
Address:
0x0574 - 0x0577
Size:
32 bits
Bits
Description
Type
Default
31:3
RESERVED
RO
0x0000000
2:0
Event Timestamp Input of the 3rd Sample Time in Sub 8ns
(TS_SAMPLE_TIME_SUB_8NS_3RD)
This field indicates one of the 8ns cycles for the third sample time of the time-
stamp.
000 = 0ns (sample time at the first 8ns cycle in 25MHz/40ns)
001 = 8ns (sample time at the second 8ns cycle in 25MHz/40ns)
101 = 16ns (sample time at the third 8ns cycle in 25MHz/40ns)
011 = 24ns (sample time at the fourth 8ns cycle in 25MHz/40ns)
100 = 32ns (sample time at the fifth 8ns cycle in 25MHz/40ns)
101-111 = RESERVED
RO
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com