Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 128 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 128 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 124Page - Microchip Technology KSZ9563R Datasheet HTML 125Page - Microchip Technology KSZ9563R Datasheet HTML 126Page - Microchip Technology KSZ9563R Datasheet HTML 127Page - Microchip Technology KSZ9563R Datasheet HTML 128Page - Microchip Technology KSZ9563R Datasheet HTML 129Page - Microchip Technology KSZ9563R Datasheet HTML 130Page - Microchip Technology KSZ9563R Datasheet HTML 131Page - Microchip Technology KSZ9563R Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 226 page
background image
KSZ9563R
DS00002419D-page 128
 2017-2018 Microchip Technology Inc.
5.2
Port Registers
This section details the device’s port registers. All settings are on a per-port basis. Address field “N” specifies the port
number. Valid values for “N” are 1,2,3 for some registers, 3 for MAC port specific registers, and 1,2 for PHY specific
registers.
For an overview of the device’s entire register map, refer to Section 5.0, "Device Registers". For details on the device’s
global registers, refer to Section 5.1, "Global Registers".
5.2.1
PORT N: PORT OPERATION CONTROL REGISTERS (0xN000 - 0xN0FF)
5.2.1.1
Port Default Tag 0 Register
5.2.1.2
Port Default Tag 1 Register
5.2.1.3
Port AVB SR Class 1 Tag 0 Register
Address:
0xN000
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:0
Port Default 802.1Q Tag [15:8]
Bits [7:5]: Priority Code Point (PCP)
Bit [4]: Drop Eligible Indicator (DEI)
Bits [3:0]: VLAN Identifier (VID) [11:8]
R/W
0x00
Address:
0xN001
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:0
Port Default 802.1Q tag [7:0]
VLAN Identifier (VID) [7:0]
R/W
0x01
Address:
0xN004
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:0
SR Class 1 Tag 0
Port custom tag containing:
7-5: User priority bits
4: CFI bit
3-0: SR class VID[11:8] 1
R/W
0x60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com