Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 37 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 37 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 41Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
37
www.emmicroelectronic.com
12.3 Free segment allocation
Each segment (SEG[8:1]) terminal outputs the time multiplexed information from its 4 segment data latches.
Data latch 1 outputs during phase1, latch 2 during phase 2, latch 3 during phase 3 and latch 4 during phase 4.
In the case of 3 to 1 multiplexing the phase 4 is not used. This phase information together with the Common
(COM[4:1]), also called Back-planes, outputs defines if a given segment is light or not. COM[1] is on during
phase 1 and off during phase 2,3,4 , COM[2] is on during phase 2 and off during phase 1,3,4 , etc.
For each segment data latch the address location within the LCD address spacing (LCD_15 ... LCD_0 -->
LcdAdr[15:0]) can be user defined.
For each segment data latch the data bus connection (DB[3:0]) can be user defined.
Segment outputs
COM[1]
COM[2]
COM[3]
COM[4]
SEG[1]
DB[0], LCDAdr[0]
DB[1], LCDAdr[0]
DB[2], LCDAdr[0]
DB[3], LCDAdr[0]
SEG[2]
DB[0], LCDAdr[1]
DB[1], LCDAdr[1]
DB[2], LCDAdr[1]
DB[3], LCDAdr[1]
SEG[3]
DB[0], LCDAdr[2]
DB[1], LCDAdr[2]
DB[2], LCDAdr[2]
DB[3], LCDAdr[2]
...
...
...
...
...
SEG[6]
DB[0], LCDAdr[5]
DB[1], LCDAdr[5]
DB[2], LCDAdr[5]
DB[3], LCDAdr[5]
SEG[7]
DB[0], LCDAdr[6]
DB[1], LCDAdr[6]
DB[2], LCDAdr[6]
DB[3], LCDAdr[6]
SEG[8]
DB[0], LCDAdr[7]
DB[1], LCDAdr[7]
DB[2], LCDAdr[7]
DB[3], LCDAdr[7]
12.4 LCD Registers
Table 12.4.1 Register RegLcdCntl1
Bit
Name
Reset
R/W
Description
3
--
2
--
1
CkTripSel1
0
R/W
LCD multiplier clock select
0
CkTripSel0
0
R/W
LCD multiplier clock select
Table 12.4.2 multiplier clock frequency select
CkTripSel0
CkTripSel1
multiplier clock
on 32 KHz operation
0
0
Ck[10]
512 Hz
1
0
Ck[9]
256 Hz
0
1
Ck[8]
128 Hz
1
1
Ck[7]
64 Hz
Table 12.4.3 Register RegLcdCntl2
Bit
Name
Reset
R/W
Description
3
LCDBlank
1
R/W
LCD segment outputs off
2
LCDOff
1
R/W
LCD off (multiplier off)
1
Lcd4Mux
1
R/W
4 : 1 multiplexed
0
LCDExtSupply
X
(0 on POR)
R/W
external supply for VL1, VL2 and VL3
LCDExtSupply is set to ‘0’ by POR only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com