Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 32 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 32 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 36Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
32
www.emmicroelectronic.com
Any interrupt request sent by a periphery cell while the corresponding mask is not set will not be stored in the
interrupt request register. All interrupt requests are stored in their IRQxx registers depending only on their
corresponding mask setting and not on the general interrupt enable status. Whenever the EM6620 goes into
HALT Mode the IntEn bit is automatically set to 1, thus allowing to resume from Halt Mode with an interrupt.
9.1 Interrupt control registers
Table 9.1.1 Register RegIRQ1
Bit
Name
Reset
R/W
Description
3
IRQPA[3]
0
R/W*
Port A PA[3] interrupt request
2
IRQPA[2]
0
R/W*
Port A PA[2] interrupt request
1
IRQPA[1]
0
R/W*
Port A PA[1] interrupt request
0
IRQPA[0]
0
R/W*
Port A PA[0] interrupt request
W*; Writing of 1 clears the corresponding bit.
Table 9.1.2 Register RegIRQ2
Bit
Name
Reset
R/W
Description
3
IRQHz1
0
R/W*
Prescaler interrupt request
2
IRQHz32/8
0
R/W*
Prescaler interrupt request
1
IRQBlink
0
R/W*
Prescaler interrupt request
0
IRQPB0Comp
0
R/W*
Compare interrupt request
W*; Writing of 1 clears the corresponding bit.
Table 9.1.3 Register RegIRQ3
Bit
Name
Reset
R/W
Description
3
IRQVLD
0
R/W*
VLD interrupt request
2
IRQMSC
0
R/W*
Millisecond Counter int. request
1
IRQCount0
0
R/W*
Counter interrupt request
0
IRQCntComp
0
R/W*
Counter interrupt request
W*; Writing of 1 clears the corresponding bit.
Table 9.1.4 Register RegIRQMask1
Bit
Name
Reset
R/W
Description
3
MaskIRQPA[3]
0
R/W
Port A PA[3] interrupt mask
2
MaskIRQPA[2]
0
R/W
Port A PA[2] interrupt mask
1
MaskIRQPA[1]
0
R/W
Port A PA[1] interrupt mask
0
MaskIRQPA[0]
0
R/W
Port A PA[0] interrupt mask
Interrupt is not stored if the mask bit is 0.
Table 9.1.5 register RegIRQMask2
Bit
Name
Reset
R/W
Description
3
MaskIRQHz1
0
R/W
Prescaler interrupt mask
2
MaskIRQHz32/8
0
R/W
Prescaler interrupt mask
1
MaskIRQBlink
0
R/W
Prescaler interrupt mask
0
MaskIRQPB0Comp
0
R/W
Compare interrupt mask
Interrupt is not stored if the mask bit is 0.
Table 9.1.6 register RegIRQMask3
Bit
Name
Reset
R/W
Description
3
MaskIRQVLD
0
R/W
VLD interrupt mask
2
MaskIRQMSC
0
R/W
Millisecond Counter interrupt mask
1
MaskIRQCount0
0
R/W
Counter interrupt mask
0
MaskIRQCntComp
0
R/W
Counter interrupt mask
Interrupt is not stored if the mask bit is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com