Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 47 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 47 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 51Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
47
www.emmicroelectronic.com
17. Temp. and Voltage Behaviors
17.1 IDD Current (typical)
IDD H a l t M o de ; No Re gu l a t o r ; V DD= 1.5 V
0
25 0
50 0
750
- 2 0
0
2 0
40
60
80
[°C ]
[n A ]
IDD H a l t M o de L CD O n ; No Re gu l a t o r ; V DD= 1.5 V
0
30 0
60 0
90 0
- 2 0
0
2 0
40
60
8 0
[°C ]
[n A ]
IDD Ru n M o de L c d O n ; No Re g u l a t o r ; V DD= 1.5 V
10 0 0
15 0 0
20 00
25 0 0
- 2 0
0
2 0
40
60
80
[°C ]
[n A ]
IDD H a l t M o d e ; Re gu l a t o r ; V DD= 3.0 V
0
25 0
50 0
750
- 2 0
0
20
40
6 0
80
[°C ]
[n A ]
IDD H a l t M o de L CD O n ; Re g u l a t o r ; V DD= 3 .0V
0
30 0
60 0
90 0
- 2 0
0
20
40
6 0
80
[°C ]
[n A ]
IDD Ru n M o de L CD O n ; Re g u l a t o r ; V DD= 3 .0V
10 0 0
15 0 0
20 00
25 0 0
- 2 0
0
20
4 0
60
80
[°C ]
[n A ]
17.2 Pull-down Resistance (typical)
P u l l d o w n W eak ; R e g u l a t o r ; 2 5 D e g
0
10 0
20 0
30 0
40 0
1.4
2
2 .6
3 .2
[V ]
[k O h m]
P u l l d ow n W e a k ; N o R e gu l a t o r ; 25 D e g
0
10 0
20 0
30 0
1.2
1.4
1.6
1.8
[V ]
[k O h m]
P u l l d o w n W eak , R e g u l a t o r ; V D D = 3 .0 V
0
15 0
30 0
45 0
60 0
- 2 0
0
2 0
40
60
80
[°C ]
[k O h m]
P u l l d o w n W e a k ; No Re g u l a t o r ; V DD= 1.5 V
0
50
10 0
15 0
20 0
- 2 0
0
20
40
6 0
8 0
[°C ]
[k O h m ]
P u l l d ow n S t r o n g ; R e gu l a t o r ; 25 D e g
95
97 .5
10 0
10 2 .5
10 5
1.4
2
2 .6
3 .2 [V ]
[k O h m]
P u l l d o w n S t r o n g ; No Re g u l a t o r ; 2 5 De g
95
97 .5
10 0
10 2 .5
10 5
1.21.4
1.61.8
[V ]
[k O h m ]
P u lld o w n S t r o n g ; R e g u la t o r ; V D D = 3 .0 V
0
50
10 0
15 0
- 2 0
0
20
40
60
80
[°C ]
[k O h m]
P u l l d o w n S t r o n g ; No Re g u l a t o r ; V DD= 1.5 V
0
50
10 0
15 0
- 2 0
0
2 0
40
60
80
[°C ]
[k O h m ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com