Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
3. Power Supply
The EM6620 is supplied by a single external power supply between VDD (Vbat) and VSS (ground). A built-in
voltage regulator generates Vreg providing regulated voltage for the oscillator and the internal logic. The
output drivers are supplied directly from the external supply VDD. A internal power configuration is shown in
Figure 5.
To supply the internal core logic it is possible to use either the internal voltage regulator (Vreg < VDD) or Vbat
directly ( Vreg = VDD). The selection is done by metal 1 mask option. By default the voltage regulator is used.
Refer to chapter 16.1.3 for the metal mask selection.
The internal voltage regulator is chosen for high voltage systems. It saves power by reducing the internal core
logic’s power supply to an optimum value. However, due to the inherent voltage drop over the regulator the
minimal VDD value is restricted to 1.4V .
A direct Vbat connection can be selected for systems running on a 1.5V battery. The 1kOhm resistor together
with the external capacitor on Vreg is filtering the VDD supply to the internal core. In this case the minimum
VDD value can be as low as 1.2 V.
Figure 5. Internal power supply
R e f. Lo gic
Te rm in al
Vreg
T e rm inal
Vba t
R e f. LC D
All Pad
in put &
outpu t
buffers,
SV LD
C ore Log ic ,
LC D Logic,
Osc illa tor
V oltage m ultiplie r,
LC D outputs
M1 B
M1 A
1kO h m
MV reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com