Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 19 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 19 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 23Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
19
www.emmicroelectronic.com
6.4.4 PWM and Frequency output
PB[3] can also be used to output the PWM (Pulse Width Modulation) signal from the 10-Bit Counter, the
Ck[16], Ck[11] as well as the Ck[1] prescaler frequencies.
-Selecting ck[16] output on PB[0] with bit PB32kHzOut in register OPTSelPB
-Selecting ck[11] output on PB[1] with bit PB2kHzOut in register OPTSelPB
-Selecting ck[1 ] output on PB[2] with bit PB1HzOut
in register OPTSelPB
-Selecting PWM output on PB[3] with bit PWMOn
in register RegPresc.
6.5 PB[0] Dynamic Input Comparator
The EM6620 has one dynamic input comparator on PB[0], such that PB[0] input voltage level is compared at
regular intervals (ck[12] clock period) with the SVLD detection level (default : 2.0V).
To select this function, the bit PB0CompSelect in register RegPB0Comp must be set to “1. If using the
Dynamic Input Comparator one must put the PB[0] in CMOS input mode and should not use any pull resistor
on this terminal.
The Comparator shares the same internal block as the SVLD function, so one can only use one or the other
function at the same time. With bit PB0CompSelect set to ‘1’ the Comparator is chosen, ‘0’ selects the SVLD.
Setting the bit PB0CompEnable to “1“ enables the measurements.
The worst case first measurement time is :
ck[9] clock period + ck[14] clock period (synchronization + effective measurement)
(32kHz -> 4.125ms)
The time between two consecutive effective measurements is equal to 3 ck[14] clock periods. The
measurement stops at the end of the next measurement cycle after PB0CompEnable is cleared. At the end of
each measurement, the result is stored in PB0CompResult bit. At any time during the measurement
PB0CompResult bit can be read : If the result is
- “0“, the input level is greater than the detection level
- “1“, the input level is lower
than the detection level.
An interrupt request IRQPB0Comp is generated on each result change except after the first measurement.
This interrupt request can be masked (default) (MaskIRQPB0Comp bit). See section 9 for more information
about the interrupt handling. See also section Supply Voltage Level Detector on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com