Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 18 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 18 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 22Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
18
www.emmicroelectronic.com
6.4.2 Pull-up/Down
For each terminal of PB[3:0] an internal input pull-up (metal mask MPBPU[n]) or pull-down (metal mask
MPBPD[n]) resistor can be connected per metal mask option. Per default the two resistors are in place. In this
case one can chose per software to have either a pull-up, a pull-down or no resistor. See below.
For Metal mask selection and available resistor values refer to chapter 16.1.2.
Pull-down ON : MPBPD[n] must be in place ,
AND the bit NoPdPB[n] must be ‘0’ .
Pull-down OFF: MPBPD[n] is not in place,
OR if MPBPD[n] is in place NoPdPB[n] = ‘1’ cuts off the pull-down.
OR selecting NchOpDPB[n] = ‘1’ cuts off the pull-down.
Pull-up ON *
: MPBPU[n] must be in place,
AND the bit NchOpDPB[n] must be ‘1’ ,
AND the bit PBIOCntl[n] = ‘0’ (input mode) OR if PBIOCntl[n] = ‘1’ while PBData[n] = 1.
Pull-up OFF*
: MPBPU[n] is not in place,
OR if MPBPU[n] is in place NchOpDPB[n] = ‘0’ cuts off the pull-up,
OR if MPBPU[n] is in place and if NchOpDPB[n] = ‘1’ then PBData[n] = 0 cuts off the pull-up.
Never can pull-up and pull-down be active at the same time.
For POWER SAVING one can switch off the port B pull resistors between two read phases. No cross current
flows in the input amplifier while the port B is not read. The recommended order is :
• switch on the pull resistor.
• allow sufficient time - RC constant - for the pull resistor to drive the line to either VSS or VDD.
• Read the port B
• Switch off the pull resistor
Minimum time with current on the pull resistor is 4 periods of the system clock, if the RC constant is lower than
1 system clock period. Adding a NOP before reading moves the number of periods with current in the pull
resistor to 6 and the maximum RC delay to 3 clock periods.
6.4.3 CMOS / NCH. Open Drain Output
The port B outputs can be configured as either CMOS or Nch. open drain outputs. In CMOS both logic ‘1’ and
‘0’ are driven out on the terminal. In Nch. open drain only the logic ‘0’ is driven out on the terminal, the logic ‘1’
value is defined by the internal pull-up resistor (if implemented) or high impedance.
If using the Dynamic Input Comparator one must put the PB[0] in CMOS input mode and should not use any
pull resistor on this terminal. If not doing so the device may draw excessive current.
Figure 12. CMOS or Open Drain outputs
I / O
Te rm in a l
PB [n ]
MU X
A c tiv e P u llu p
fo r H igh S tate
DR [n ]
F re q uency
Ou tp u ts
Tri-S ta te O u tp u t
B u ffe r : H ig h
Im p e dance fo r
D a ta = 1
I / O
Te rm in a l
PB[n ]
MU X
DR [n ]
F requ enc y
O u tputs
T ri-S tate O u tput
B u ffe r : c los ed
Da ta
1
C M OS Ou tp u t
N c h. O pen D rain O u tput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com