Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 41 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 41 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 45Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
41
www.emmicroelectronic.com
Register
Name
Add
Hex
Add
Dec
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
RegIRQ3
6A
106
0000
0:IRQCntComp
1: IRQCount0
2: IRQMSC
3: IRQVLD
0: RIRQCntComp
1: RIRQCount0
2: RIRQMSC
3: RIRQVLD
Read: 10 bit counter,
millisecond counter, serial
interrupt
Write: Reset if data bit =1.
RegSysCntl1
6B
107
0000
0: ChTmDis
1: SelIntFull
2: '0'
3: IntEn
0: ChTmDis
1: SelIntFull
2: Sleep
3: IntEn
System control 1
ChTmDis only usable for
Em test modes with Test=1
RegSysCntl2
6C
108
0p00
p=POR
0: WDVal0
1: WDVal1
2: SleepEn
3: '0'
0: --
1: --
2: SleepEn
3: WDReset
System control 2;
watchdog value and
periodical reset, enable
sleep mode
RegPresc
6D
109
0000
0: DebSel
1: PrIntSel
2: '0'
3: PWMOn
0: DebSel
1: PrIntSel
2: ResPresc
3: PWMOn
Prescaler control;
debouncer and prescaler
interrupt select
IXLow
6E
110
xxxx
0: IXLow[0]
1: IXLow[1]
2: IXLow[2]
3: IXLow[3]
Internal µP index
register low nibble;
IXHigh
6F
111
xxxx
0: IXHigh[4]
1: IXHigh[5]
2: IXHigh[6]
3: '0'
0: IXHigh[4]
1: IXHigh[5]
2: IXHigh[6]
3: --
Internal µP index
register high nibble;
RegLcdCntl1
71
113
--00
0: CkTripSel0
1: CkTripSel1
2: --
3: --
LCD control 0
multiplier clock
RegLcdCntl2
72
114
111p
p=POR
0: LCDExtSupply
1: Lcd4xMux
2: LCDOff
3: LCDBlank
LCD control 1;
main selects
RegVLDCntl
73
115
0000
0: NoLogicWD
1: NoOscWD
2: VldBusy
3: VLDResult
0: NoLogicWD
1: NoOscWD
2: VldStart
3: --
voltage level
detector control
P=POR means that this bit is set to 0 on POR only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com