Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 25Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
7. 10-bit Counter
The EM6620 has a built-in universal cyclic counter. It can be configured as 10, 8, 6 or 4-bit counter. If 10-bits
are selected we call that full bit counting, if 8, 6 or 4-bits are selected we call that limited bit counting.
The counter works in up- or down count mode. Eight clocks can be used as the input clock source, six of them
are prescaler frequencies and two are coming from the input pads PA[0] and PA[3]. In this case the counter
can be used as an event counter.
The counter generates an interrupt request IRQCount0 every time it reaches 0 in down count mode or 3FF in
up count mode. Another interrupt request IRQCntComp is generated in compare mode whenever the counter
value matches the compare data register value. Each of this interrupt requests can be masked (default). See
section 9 for more information about the interrupt handling.
A 10-bit data register CReg[9:0] is used to initialize the counter at a specific value (load into Count[9:0]). This
data register (CReg[9:0]) is also used to compare its value against Count[9:0] for equivalence.
A Pulse-Width-Modulation signal (PWM) can be generated and output on port B terminal PB[3].
7.1 Full and Limited Bit Counting
In Full Bit Counting mode the counter uses its maximum
of 10-bits length (default ). With the BitSel[1,0] bits in
register RegCDataH one can lower the counter length,
for IRQ generation, to 8, 6 or 4 bits. This means that
actually the counter always uses all the 10-bits, but
IRQCount0 generation is only performed on the number
of selected bits. The unused counter bits may or may not
be taken into account for the IRQComp generation depending on bit SelIntFull. Refer to chapter 7.4.
Figure 13. 10-bit Counter Block Diagram
En
Comparator
ck
Up/Down
Up/Down Counter
En
EvCount
Counter Read Register
RegCDataL, M, H
(Count[9:0])
RegCDataL, M, H (CReg[9:0])
Load
IRQCntComp
PWM
IRQCount0
Data Register
DB[3:0]
PA[0]
Ck[15]
Ck[12]
Ck[10]
Ck[8]
Ck[4]
Ck[1]
PA[3]
ck
MUX
RegCCntl1, 2
CountFSel2...0
Up/Down
Start
EvCount
Load
EnComp
Table 6.6.1. Counter length selection
BitSel[1]
BitSel[0 ]
counter length
0
0
10-Bit
0
1
8-Bit
1
0
6-Bit
1
1
4-Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com