Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6620WS27 Datasheet(PDF) 46 Page - EM Microelectronic - MARIN SA

Part # EM6620WS27
Description  Ultra Low Power Microcontroller with 4x8 LCD Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6620WS27 Datasheet(HTML) 46 Page - EM Microelectronic - MARIN SA

Back Button EM6620WS27 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6620WS27 Datasheet HTML 50Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
R
EM6620
Copyright
© 2005, EM Microelectronic-Marin SA
46
www.emmicroelectronic.com
16.1.3 Voltage Regulator Option
By default the internal voltage regulator supplies the
core logic the RAM and the ROM. With option
MVreg(B) the regulator is cut and Vbat is supplying
the core logic the ROM and the RAM.
16.1.4 SVLD and Input Comp Level Option
By default the level is 2.0 Volts. The maximum value
is 3.3 Volt and the minimum is 1.2 Volts.
Before choosing a value other than the default,
please contact EM Microelectronic Marin SA, to
check for already existing levels.
The chosen value is called VSVLDNom.
16.1.5 Debouncer frequency Option
By default the debouncer frequency is ck[11]. The
user may choose ck[14] instead of ck[11].
Ck[14 ]corresponds to maximum 0.25ms debouncer
time in case of a 32kHz oscillator.
16.1.6 User defined LCD Segment allocation
If using a different segment allocation from the one described in chapter 0 , one needs to fill in the table
below.
The segment allocation connections are realized with the interconnect Metal 2 mask.
in case of 4 times
MUX
COM[1]
COM[2]
COM[3]
COM[4]
in case of 3 times
MUX
COM[1]
COM[2]
COM[3]
--
SEG[1]
SEG[2]
SEG[3]
SEG[4]
SEG[5]
SEG[6]
SEG[7]
SEG[8]
The customer should specify the required options at the time of ordering. A copy of
the pages 44 to 46 as well as the « Software ROM characteristic file » generated by
the assembler (*.STA) should be attached to the order. Also the Customer package
marking, 7 Characters, should be defined at that time.
Option
name
Default
value
user
value
A
B
MVreg
Voltage Regulator
YES
Option
name
Default
value
user
value
A
B
VSVLD
Comparator Level
and SVLD Level
2.0
Option
name
Default
value
user
value
A
B
MDeb
Debouncer freq.
ck[11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com